Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STESB01DR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STESB01DR
Description  ESBT Base Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STESB01DR Datasheet(HTML) 4 Page - STMicroelectronics

  STESB01DR Datasheet HTML 1Page - STMicroelectronics STESB01DR Datasheet HTML 2Page - STMicroelectronics STESB01DR Datasheet HTML 3Page - STMicroelectronics STESB01DR Datasheet HTML 4Page - STMicroelectronics STESB01DR Datasheet HTML 5Page - STMicroelectronics STESB01DR Datasheet HTML 6Page - STMicroelectronics STESB01DR Datasheet HTML 7Page - STMicroelectronics STESB01DR Datasheet HTML 8Page - STMicroelectronics STESB01DR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Pin configuration
STESB01
4/14
2
Pin configuration
Table 1.
Pin description
Figure 2.
Pin Connections (Top View)
Pin N°
for SO-8
Pin N°
for
SOT23
Symbol
Name and function
8
1
DRIVE
This is the base current driver for the external PNP transistor (see Application
Schematic) which determines the ESBT base current value.
6, 7
2
GND
Ground. Reference for all the signal of the IC.
53
STGADJ
Adjustable Storage (adjusted by connecting a resistor between this pin and GND
pin). A minimum value of 150ns can be achieved with 10k
Ω resistor. See note 4.
44
VCOLL
Collector Voltage.
This pin must be connected to the ESBT collector through a resistor divider. The
rising edge of this signal provides end-of-storage time information.
25
PWM
Pulse Width Modulation.
This pin must be connected to the PWM controller output. The falling edge of this
signal provides beginning-of-storage time information.
16
VCC
Supply Voltage.
It range is from 8V to 20V. A ceramic Bypass capacitor must be connected
between VCC and GND.
3
N.C.
Not Connected.
SO-8
SOT23-6L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com