Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7449D Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7449D
Description  TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7449D Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7449D Datasheet HTML 9Page - STMicroelectronics TDA7449D Datasheet HTML 10Page - STMicroelectronics TDA7449D Datasheet HTML 11Page - STMicroelectronics TDA7449D Datasheet HTML 12Page - STMicroelectronics TDA7449D Datasheet HTML 13Page - STMicroelectronics TDA7449D Datasheet HTML 14Page - STMicroelectronics TDA7449D Datasheet HTML 15Page - STMicroelectronics TDA7449D Datasheet HTML 16Page - STMicroelectronics TDA7449D Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13/19
TDA7449
Table 12. TREBLE SELECTION
Table 13. SPEAKER ATTENUATE SELECTION
SPEAKER ATTENUATION = 0 to -79dB/MUTE
MSB
LSB
TREBLE
D7
D6
D5
D4
D3
D2
D1
D0
2dB STEPS
0
0
0
0
-14dB
0
0
0
1
-12dB
0
0
1
0
-10dB
00
11
-8dB
01
00
-6dB
01
01
-4dB
01
10
-2dB
01
11
0dB
11
11
0dB
11
10
2dB
11
01
4dB
11
00
6dB
10
11
8dB
10
10
10dB
10
01
12dB
10
00
14dB
MSB
LSB
SPEAKER ATTENUATION
D7
D6
D5
D4
D3
D2
D1
D0
1dB
0
0
0
0dB
0
0
1
-1dB
0
1
0
-2dB
0
1
1
-3dB
1
0
0
-4dB
1
0
1
-5dB
1
1
0
-6dB
1
1
1
-7dB
00
00
0dB
00
01
-8dB
0
0
1
0
-16dB
0
0
1
1
-24dB
0
1
0
0
-32dB
0
1
0
1
-40dB
0
1
1
0
-48dB
0
1
1
1
-56dB
1
0
0
0
-64dB
1
0
0
1
-72dB
11
11
X
X
X
MUTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com