Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7461N Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7461N
Description  CAR RADIO SIGNAL PROCESSOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7461N Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7461N_03 Datasheet HTML 19Page - STMicroelectronics TDA7461N_03 Datasheet HTML 20Page - STMicroelectronics TDA7461N_03 Datasheet HTML 21Page - STMicroelectronics TDA7461N_03 Datasheet HTML 22Page - STMicroelectronics TDA7461N_03 Datasheet HTML 23Page - STMicroelectronics TDA7461N_03 Datasheet HTML 24Page - STMicroelectronics TDA7461N_03 Datasheet HTML 25Page - STMicroelectronics TDA7461N_03 Datasheet HTML 26Page - STMicroelectronics TDA7461N_03 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
DATA BYTE SPECIFICATION
Input Selector
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Source Selector
CD
Cassette
Phone
AM
Stereo Decoder
Input FM
Mute
AC inputs
0
1
CD Mode
CD Full-differential
CD Quasi-diff
1
0
0
1
0
0
1
1
1
1
0
0
1
1
0
0
AM/FM Mode
AM mono
AM stereo
AM through Stereodecoder
FM- Stereodecoder
0
0
:
1
1
0
0
:
1
1
0
1
:
0
1
In-Gain
14dB
12dB
:
2 dB
0 dB
For example to select the CD input in quasi-differential mode with gain of 8dB the Data Byte is: 0/01111000
Loudness
MSB
LSB
LOUDNESS
D7
D6
D5
D4
D3
D2
D1
D0
0
0
:
1
1
0
0
:
1
1
0
0
:
1
1
0
1
:
0
1
Attenuation
0dB
-1dB
:
-14dB
-15dB
0
1
Filter
on
off (flat)
0
1
Center Frequency
200Hz
400Hz
0
1
Loudness Q
low (1
st order)
normal (2
nd order)
1
must be "1"
Note: The attenuation is specified at high frequencies. Around the center frequency the value is different depending on the programmed
attenuation (see Loudness frequency response).
TDA7461N
23/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com