Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7463A Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7463A
Description  LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7463A Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7463A Datasheet HTML 1Page - STMicroelectronics TDA7463A Datasheet HTML 2Page - STMicroelectronics TDA7463A Datasheet HTML 3Page - STMicroelectronics TDA7463A Datasheet HTML 4Page - STMicroelectronics TDA7463A Datasheet HTML 5Page - STMicroelectronics TDA7463A Datasheet HTML 6Page - STMicroelectronics TDA7463A Datasheet HTML 7Page - STMicroelectronics TDA7463A Datasheet HTML 8Page - STMicroelectronics TDA7463A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
TDA7463A
Table 8. BASS
Table 9. VOLUME
VOLUME : 0 ~ -63dB
MSB
LSB
BASS
D7
D6
D5
D4
D3
D2
D1
D0
1
STAND-BY (Bass block stops)
1
BASS (boost OFF)
0
BASS (boost ON)
1
0
High boost (Ex. + 14dB)
0
0
Low boost (Ex. + 6dB)
1
ALC mode OFF (ALC block stops)
0
ALC mode ON
0
0
Attack time resistor (12.5K
Ω)
Release current (0.4
µA)
0
1
Attack time resistor (25K
Ω)
Release current (0.2
µA)
1
0
Attack time resistor (50K
Ω)
Release current (0.1
µA)
1
1
Attack time resistor (100K
Ω)
Release current (0.05
µA)
0
0
Threshold1 (0.2Vrms)
0
1
Threshold2 (0.14Vrms)
1
0
Threshold3 (0.1Vrms)
1
1
Threshold4 (0.07Vrms)
MSB
LSB
VOLUME
D7
D6
D5
D4
D3
D2
D1
D0
1 dB STEPS
00
0
0
00
1
-1
01
0
-2
01
1
-3
10
0
-4
10
1
-5
11
0
-6
11
1
-7
8 dB STEPS
00
0
0
00
1
-8
01
0
-16
01
1
-24
10
0
-32
10
1
-40
11
0
-48
11
1
-56
OUTPUT GAIN
1
0dB
0
+14dB
OUTPUT ATTENUATION
1
0dB
0
-10dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com