Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7463AD Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7463AD
Description  LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7463AD Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7463AD Datasheet HTML 5Page - STMicroelectronics TDA7463AD Datasheet HTML 6Page - STMicroelectronics TDA7463AD Datasheet HTML 7Page - STMicroelectronics TDA7463AD Datasheet HTML 8Page - STMicroelectronics TDA7463AD Datasheet HTML 9Page - STMicroelectronics TDA7463AD Datasheet HTML 10Page - STMicroelectronics TDA7463AD Datasheet HTML 11Page - STMicroelectronics TDA7463AD Datasheet HTML 12Page - STMicroelectronics TDA7463AD Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11/13
TDA7463AD
Figure 18. SSOP20 Mechanical Data & Package Dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.000
0.079
A1
0.050
0.002
A2
1.650
1.750
1.850
0.065
0.069
0.073
b
0.220
0.380
0.009
0.015
c
0.090
0.250
0.005
0.010
D (1)
6.900
7.200
7.500
0.272
0.283
0.295
E
7.400
7.800
8.200
0.291
0.307
0.323
E1 (1)
5.000
5.300
5.600
0.197
0.209
0.220
e (2)
0.650
0.026
L
0.550
0.750
0.950
0.022
0.029
0.037
L1
1.250
0.049
k
0˚ (min.), 4˚ (typ.), 8˚ (max.)
ddd
0.100
0.004
Notes: 1. D and E1 does not include mold flash or protrusions,
but do include mold mismatch and are measured at
datum plane “H”. Mold flash or potrusions shall not ex-
ceed 0.20mm (.008inch) both side.
2. “b” dimensions does not include dambar protusion/in-
trusion.
SSOP20
0061436 C (Jedec MO-150-AE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com