Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7495S Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7495S
Description  11W 11W AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7495S Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7495S Datasheet HTML 1Page - STMicroelectronics TDA7495S Datasheet HTML 2Page - STMicroelectronics TDA7495S Datasheet HTML 3Page - STMicroelectronics TDA7495S Datasheet HTML 4Page - STMicroelectronics TDA7495S Datasheet HTML 5Page - STMicroelectronics TDA7495S Datasheet HTML 6Page - STMicroelectronics TDA7495S Datasheet HTML 7Page - STMicroelectronics TDA7495S Datasheet HTML 8Page - STMicroelectronics TDA7495S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
TDA7495S
APPLICATION SUGGESTIONS
The recommended values of the external components are those shown on the application circuit of figure 1.
Different values can be used, the following table can help the designer.
TYPICAL CHARACTERISTICS:
Refer to the application circuit of fig.1A Tamb = 25°C; VS = 20V; RL = 8Ω; f = 1KHz; RS = 50Ω; unless oth-
erwise specified.
COMPONENT
SUGGESTION
VALUE
PURPOSE
LARGER THAN
SUGGESTION
SMALLER THAN
SUGGESTION
R2
10K
Mute time constant
Larger mute on/off time
Smaller mute on/off time
C1
1000
µF
Supply voltage bypass
Danger of oscillation
C2
470nF
Input DC decoupling
Lower low frequency cutoff Higher low frequency cutoff
C3
470nF
Input DC decoupling
Lower low frequency cutoff Higher low frequency cutoff
C4
470
µF
Ripple rejection
Better SVR
Worse SVR
C6
1000
µF
Output DC decoupling
Lower low frequency cutoff Higher low frequency cutoff
C7
1
µF
Mute time constant
Larger mute on/off time
Smaller mute on/off time
C8
1000
µF
Output DC decoupling
Lower low frequency cutoff Higher low frequency cutoff
C9
100nF
Supply voltage bypass
Danger of oscillation
Figure 3. Output Power vs Supply Voltage
Figure 4. Distortion vs Output Power
11
15
19
23
27
31
VS(V)
0
2
4
6
8
10
12
14
POUT
(W)
16
d=10%
d=1%
RL=8Ω
D97AU559
02
4
6
8
POUT(W)
0.01
0.1
1
d
(%)
D97AU560
f=15KHz
VS=28V
RL=8Ω
f=1KHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com