Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7495SA Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7495SA
Description  11 W 11 W amplifier with DC volume control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7495SA Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7495SA Datasheet HTML 1Page - STMicroelectronics TDA7495SA Datasheet HTML 2Page - STMicroelectronics TDA7495SA Datasheet HTML 3Page - STMicroelectronics TDA7495SA Datasheet HTML 4Page - STMicroelectronics TDA7495SA Datasheet HTML 5Page - STMicroelectronics TDA7495SA Datasheet HTML 6Page - STMicroelectronics TDA7495SA Datasheet HTML 7Page - STMicroelectronics TDA7495SA Datasheet HTML 8Page - STMicroelectronics TDA7495SA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Pin connections
TDA7495SA
2/15
1
Pin connections
Figure 1.
Pin connection (top view)
Table 2.
Pin description
Number
Name
Description
1
INR
Input, right channel
2
VAROUT_R
Volume control output, right channel
3
VOLUME
Adjust volume
4
VAROUT_L
Volume control output, left channel
5
INL
Input, left channel
6
N.C.
Not connected
7
SVR
Internal half supply bias
8
S_GND
Signal ground
9
STBY
Stand-by (active high)
10
MUTE
Mute (active high)
11
PW_GND
Power ground
12
OUTL
Output, left channel
13
VS
Power supply
14
OUTR
Output, right channel
15
PW_GND
Power ground
1
2
3
4
5
6
7
9
10
11
8
PW_GND
MUTE
STBY
S_GND
SVR
N.C.
INL
N.C.
N.C.
N.C.
INR
13
14
15
12
PW_GND
OUTR
VS
OUTL
D02AU1412A
PW_GND
OUTR
VS
OUTL
PW_GND
MUTE
SDBY
S_GND
SVR
N.C.
INL
VAROUT_L
VOLUME
VAROUT_R
INR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com