Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP30NE06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP30NE06
Description  N - CHANNEL 60V - 0.042 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP30NE06 Datasheet(HTML) 1 Page - STMicroelectronics

  STP30NE06 Datasheet HTML 1Page - STMicroelectronics STP30NE06 Datasheet HTML 2Page - STMicroelectronics STP30NE06 Datasheet HTML 3Page - STMicroelectronics STP30NE06 Datasheet HTML 4Page - STMicroelectronics STP30NE06 Datasheet HTML 5Page - STMicroelectronics STP30NE06 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STP30NE06
STP30NE06FP
N - CHANNEL 60V - 0.042
Ω - 30A - TO-220/TO-220FP
STripFET
™ POWER MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.042
Ω
s
AVALANCHE RUGGED TECHNOLOGY
s
100% AVALANCHE TESTED
s
175
oC OPERATING TEMPERATURE
s
HIGH dV/dt CAPABILITY
s
APPLICATION ORIENTED
CHARACTERIZATION
DESCRIPTION
This Power Mosfet is the latest development of
STMicroelectronics unique ”Single Feature Size”
process whereby a single body is implanted on a
strip layout structure. The resulting transistor
shows extremely high packing density for low on-
resistance, rugged avalance characteristics and
less critical alignment steps therefore a remarka-
ble manufacturing reproducibility.
APPLICATIONS
s
DC MOTOR CONTROL
s
DC-DC & DC-AC CONVERTERS
s
SYNCHRONOUS RECTIFICATION
®
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
STP30NE06
STP30NE06FP
VDS
Drain-source Voltage (VGS =0)
60
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
60
V
VGS
G ate-source Volt age
± 20
V
ID
Drain Current (continuous) at Tc =25
oC30
17
A
ID
Drain Current (continuous) at Tc =100
oC21
12
A
IDM (
•)
Drain Current (pulsed)
120
68
A
Ptot
T otal Dissipat ion at Tc =25
oC80
30
W
Derating Factor
0.53
0.2
W /
o C
VISO
I nsulation W ithstand Voltage (DC)
2000
V
dV/dt
Peak Diode Recovery voltage slope
7
V/ns
Tstg
Storage Temperature
-65 to 175
o C
Tj
Max. Operating Junction Temperature
175
o C
(
•) Pulse width limited by safe operating area
( 1)ISD
≤ 30 A, di/dt ≤300 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
’
TYPE
VDSS
RDS(on)
ID
STP30NE06
STP30NE06FP
60 V
60 V
<0.050
Ω
<0.050
Ω
30 A
17 A
January 1999
TO-220
TO-220FP
1
2
3
1
2
3
1/6


Similar Part No. - STP30NE06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP30NE06 ISC-STP30NE06 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
STP30NE06FP ISC-STP30NE06FP Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP30NE06L STMICROELECTRONICS-STP30NE06L Datasheet
105Kb / 9P
N - CHANNEL 60V - 0.035 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET
Mar-1999
logo
Inchange Semiconductor ...
STP30NE06L ISC-STP30NE06L Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP30NE06LFP STMICROELECTRONICS-STP30NE06LFP Datasheet
105Kb / 9P
N - CHANNEL 60V - 0.035 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET
Mar-1999
More results

Similar Description - STP30NE06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16NE06 STMICROELECTRONICS-STP16NE06 Datasheet
337Kb / 9P
N - CHANNEL 60V - 0.08 ohm - 16A - TO-220/TO-220FP STripFET POWER MOSFET
Jun-1998
STP16NF06 STMICROELECTRONICS-STP16NF06 Datasheet
367Kb / 9P
N-CHANNEL 60V - 0.08 ohm - 16A TO-220/TO-220FP STripFET™ II POWER MOSFET
Apr-2002
STP16NF06L STMICROELECTRONICS-STP16NF06L Datasheet
337Kb / 9P
N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET™ II POWER MOSFET
Aug-2002
STP20NE06 STMICROELECTRONICS-STP20NE06 Datasheet
104Kb / 9P
N - CHANNEL 60V - 0.06 ohm - 20A TO-220/TO-220FP STripFET POWER MOSFET
Jun-1999
STP20NE06L STMICROELECTRONICS-STP20NE06L Datasheet
104Kb / 9P
N - CHANNEL 60V - 0.06 ohm - 20A TO-220/TO-220FP STripFET POWER MOSFET
Apr-1999
STP30NE03L STMICROELECTRONICS-STP30NE03L Datasheet
105Kb / 9P
N - CHANNEL 30V - 0.028 ohm - 30A TO-220/TO-220FP STripFET POWER MOSFET
Jun-1999
STP30NE06L STMICROELECTRONICS-STP30NE06L Datasheet
105Kb / 9P
N - CHANNEL 60V - 0.035 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET
Mar-1999
STP60NE06L-16 STMICROELECTRONICS-STP60NE06L-16 Datasheet
106Kb / 9P
N - CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET POWER MOSFET
May-2000
STP36NF06 STMICROELECTRONICS-STP36NF06 Datasheet
310Kb / 9P
N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
Oct-2003
STP36NF06 STMICROELECTRONICS-STP36NF06_07 Datasheet
336Kb / 14P
N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
21-Feb-2007
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com