Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC4538K Datasheet(PDF) 4 Page - STMicroelectronics

Part # M54HC4538K
Description  RAD HARD DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4538K Datasheet(HTML) 4 Page - STMicroelectronics

  M54HC4538K Datasheet HTML 1Page - STMicroelectronics M54HC4538K Datasheet HTML 2Page - STMicroelectronics M54HC4538K Datasheet HTML 3Page - STMicroelectronics M54HC4538K Datasheet HTML 4Page - STMicroelectronics M54HC4538K Datasheet HTML 5Page - STMicroelectronics M54HC4538K Datasheet HTML 6Page - STMicroelectronics M54HC4538K Datasheet HTML 7Page - STMicroelectronics M54HC4538K Datasheet HTML 8Page - STMicroelectronics M54HC4538K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
M54HC4538
4/13
Figure 5: Block Diagram
(1) Cx, Rx, Dx are external components.
(2) Dx is a clamping diode.
The external capacitor is charged to VCC in the stand-by-state, i.e. no trigger. When the supply voltage is turned off Cx is discharged mainly
trough an internal parasitic diode (see figures). If Cx is sufficiently large and VCC decreases rapidly, there will be some possibility of damaging
the I.C. with a surge current or latch-up. If the voltage supply filter capacitor is large enough and VCC decrease slowly, the surge current is
automatically limited and damage to the I.C. is avoided. The maximum forward current of the parasitic diode is approximately 20 mA. In cases
where Cx is large the time taken for the supply voltage to fall to 0.4 VCC can be calculated as follows:
tf > (VCC - 0.7) x Cx/20mA
In cases where tf is too short an external clamping diode is required to protect the I.C. from the surge current.
FUNCTIONAL DESCRIPTION
STAND-BY STATE
The external capacitor, Cx, is fully charged to VCC
in the stand-by state. Hence, before triggering,
transistor Qp and Qn (connected to the Rx/Cx
node) are both turned-off. The two comparators
that control the timing and the two reference
voltage sources stop operating. The total supply
current is therefore only leakage current.
TRIGGER OPERATION
Triggering occurs when:
1 st) A is "LOW" and B has a falling edge;
2 nd) B is "HIGH" and A has a rising edge;
After the multivibrator has been retriggered
comparator C1 and C2 start operating and Qn is
turned on. Cx then discharges through Qn. The
voltage at the node Rx/Cx external falls.
When it reaches VREFL the output of comparator
C1 becomes low. This in turn reset the flip-flop
and Qn is turned off.
At this point C1 stops functioning but C2 continues
to operate.
The voltage at R/C external begins to rise with a
time constant set by the external components Rx,
Cx.
Triggering the multivibrator causes Q to go high
after internal delay due to the flip-flop and the
gate. Q remains high until the voltage at R/C
external rises again to VREFH. At this point C2
output goes low and G goes low. C2 stop
operating. That means that after triggering when
the voltage R/C external returns to VREFH the
multivibrator has returned to its MONOSTABLE
STATE. In the case where Rx · Cx are large
enough and the discharge time of the capacitor
and the delay time in the I.C. can be ignored, the
width of the output pulse tW (out) is as follows:
tW(OUT) = 0.72 Cx · Rx
RE - TRIGGERED OPERATION
When a second trigger pulse follows the first its
effect will depend on the state of the multivibrator.
If the capacitor Cx is being charged the voltage
level of Rx/Cx external falls to VREFL again and Q
remains High i.e. the retrigger pulse arrives in a
time shorter than the period Rx · Cx seconds, the
capacitor charging time constant. If the second
trigger pulse is very close to the initial trigger pulse
it is ineffective; i.e. the second trigger must arrive
in the capacitor discharge cycle to be ineffective;
Hence the minimum time for a second trigger to be
effective, trr (MIN.) depends on VCC and Cx
RESET OPERATION
CD is normally high. If CD is low, the trigger is not
effective because Q output goes low and trigger
control flip-flop is reset.
Also transistor Op is turned on and Cx is charged
quickly to VCC. This means if CD input goes low
the IC becomes waiting state both in operating
and non operating state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com