Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC4538K1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M54HC4538K1
Description  RAD HARD DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4538K1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M54HC4538K1 Datasheet HTML 3Page - STMicroelectronics M54HC4538K1 Datasheet HTML 4Page - STMicroelectronics M54HC4538K1 Datasheet HTML 5Page - STMicroelectronics M54HC4538K1 Datasheet HTML 6Page - STMicroelectronics M54HC4538K1 Datasheet HTML 7Page - STMicroelectronics M54HC4538K1 Datasheet HTML 8Page - STMicroelectronics M54HC4538K1 Datasheet HTML 9Page - STMicroelectronics M54HC4538K1 Datasheet HTML 10Page - STMicroelectronics M54HC4538K1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
M54HC4538
7/13
Table 6: AC Electrical Characteristics (CL = 50 pF, Input tr = tf = 6ns)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tPLH tPHL Propagation Delay
Time
(A, B - Q, Q)
2.0
120
250
315
375
ns
4.5
30
50
63
75
6.0
25
43
54
64
tPLH tPHL Propagation Delay
Time
(CD - Q, Q)
2.0
100
195
245
295
ns
4.5
25
39
49
59
6.0
20
33
42
50
tWOUT
Output Pulse Width
2.0
Cx=0
Rx = 5K
Ω
540
1200
1500
1800
ns
4.5
Rx = 1K
Ω
180
250
320
375
6.0
Rx= 1K
Ω
150
200
260
320
2.0
Cx = 0.01
µF
Rx = 10K
Ω
70
83
96
70
96
70
96
µs
4.5
69778569856985
6.0
69778569856985
2.0
Cx = 0.1
µF
Rx = 10K
Ω
0.67
0.75
0.83
0.67
0.83
0.67
0.9
ms
4.5
0.67
0.73
0.77
0.67
0.77
0.67
0.8
6.0
0.67
0.73
0.77
0.67
0.77
0.67
0.8
∆t
WOUT
Output Pulse Width
Error Between
Circuits in Same
Package
±1
%
tW(H)
tW(L)
Minimum Pulse
Width
(A,B)
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tW(L)
Minimum Pulse
Width
(CD)
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tREM
Minimum Clear
Removal Time
2.0
0
15
15
20
ns
4.5
0
5
5
7
6.0
0
5
5
trr
Minimum Retrigger
Time
2.0
Cx = 0.1
µF
Rx = 1K
Ω
380
ns
4.5
92
6.0
72
2.0
Cx = 0.01
µF
Rx = 1K
Ω
6
µs
4.5
1.4
6.0
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com