Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC09B1R Datasheet(PDF) 3 Page - STMicroelectronics

Part # M74HC09B1R
Description  Quad 2-input and gate (open drain)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC09B1R Datasheet(HTML) 3 Page - STMicroelectronics

  M74HC09B1R Datasheet HTML 1Page - STMicroelectronics M74HC09B1R Datasheet HTML 2Page - STMicroelectronics M74HC09B1R Datasheet HTML 3Page - STMicroelectronics M74HC09B1R Datasheet HTML 4Page - STMicroelectronics M74HC09B1R Datasheet HTML 5Page - STMicroelectronics M74HC09B1R Datasheet HTML 6Page - STMicroelectronics M74HC09B1R Datasheet HTML 7Page - STMicroelectronics M74HC09B1R Datasheet HTML 8Page - STMicroelectronics M74HC09B1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
M74HC09
Pin settings
3/13
1
Pin settings
1.1
Pin connection
Figure 1.
Pin connection (top through view)
1.2
Pin description
Table 1. Pin description
Pin N°
Symbol
Name and function
1, 4, 9, 12
1A to 4A
Data Inputs
2, 5, 10, 13
1B to 4B
Data Inputs
3, 6, 8, 11
1Y to 4Y
Data Outputs
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com