Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC125 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC125
Description  QUAD BUS BUFFER (3-STATE)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC125 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC125_01 Datasheet HTML 1Page - STMicroelectronics M74HC125_01 Datasheet HTML 2Page - STMicroelectronics M74HC125_01 Datasheet HTML 3Page - STMicroelectronics M74HC125_01 Datasheet HTML 4Page - STMicroelectronics M74HC125_01 Datasheet HTML 5Page - STMicroelectronics M74HC125_01 Datasheet HTML 6Page - STMicroelectronics M74HC125_01 Datasheet HTML 7Page - STMicroelectronics M74HC125_01 Datasheet HTML 8Page - STMicroelectronics M74HC125_01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
August 2001
s
HIGH SPEED:
tPD = 8ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 6mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 125
DESCRIPTION
The M74HC125 is an high speed CMOS QUAD
BUFFER (3-STATE) fabricated with silicon gate
C2MOS technology.
The device requires the 3-STATE control input G
to be set high to place the output into the high
impedance state.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC125
QUAD BUS BUFFER (3-STATE)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC125B1R
SOP
M74HC125M1R
M74HC125RM13TR
TSSOP
M74HC125TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC125_01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC125B1R STMICROELECTRONICS-M74HC125B1R Datasheet
256Kb / 9P
QUAD BUS BUFFERS 3-STATE
March 2004
M74HC125C1R STMICROELECTRONICS-M74HC125C1R Datasheet
256Kb / 9P
QUAD BUS BUFFERS 3-STATE
March 2004
M74HC125F1R STMICROELECTRONICS-M74HC125F1R Datasheet
256Kb / 9P
QUAD BUS BUFFERS 3-STATE
March 2004
M74HC125M1R STMICROELECTRONICS-M74HC125M1R Datasheet
256Kb / 9P
QUAD BUS BUFFERS 3-STATE
March 2004
More results

Similar Description - M74HC125_01

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC125 HITACHI-HD74HC125 Datasheet
49Kb / 10P
Quad. Bus Buffer Gates (with 3-state outputs)
HD74LV126A HITACHI-HD74LV126A Datasheet
58Kb / 14P
Quad. Bus Buffer Gates with 3-state Outputs
logo
STMicroelectronics
M74HC126 STMICROELECTRONICS-M74HC126 Datasheet
184Kb / 10P
QUAD BUS BUFFER (3-STATE)
August 2001
M54HC125 STMICROELECTRONICS-M54HC125 Datasheet
117Kb / 9P
RAD-HARD QUAD BUS BUFFER (3-STATE)
Mar-2004
M74HCT125B1R STMICROELECTRONICS-M74HCT125B1R Datasheet
178Kb / 9P
QUAD BUS BUFFER (3-STATE)
Aug-2001
M74HCT126 STMICROELECTRONICS-M74HCT126 Datasheet
171Kb / 9P
QUAD BUS BUFFER (3-STATE)
Aug-2001
M74HCT125 STMICROELECTRONICS-M74HCT125_01 Datasheet
172Kb / 9P
QUAD BUS BUFFER (3-STATE)
Aug-2001
logo
Renesas Technology Corp
HD74LV125A RENESAS-HD74LV125A Datasheet
80Kb / 10P
Quad. Bus Buffer Gates with 3-state Outputs
RD74LVC126B RENESAS-RD74LVC126B Datasheet
99Kb / 9P
Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126A RENESAS-HD74LV126A_15 Datasheet
100Kb / 12P
Quad. Bus Buffer Gates with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com