Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMD65W Datasheet(PDF) 1 Page - SunLED Corporation

Part # ZMD65W
Description  2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZMD65W Datasheet(HTML) 1 Page - SunLED Corporation

  ZMD65W Datasheet HTML 1Page - SunLED Corporation ZMD65W Datasheet HTML 2Page - SunLED Corporation ZMD65W Datasheet HTML 3Page - SunLED Corporation ZMD65W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : FEB 27, 2008
Drawing No : SDSA0230
V7
Checked : B.L.LIU
P.1/4
Part Number:
ZMD65W
2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
www.SunLED.com
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.15(0.006") unless otherwise noted.
3.Specifications are subject to change without notice.
Features
2.1mmx0.7mm RIGHT ANGLE SMT LED, 1.3mm THICKNESS.
LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
IDEAL FOR BACKLIGHT AND INDICATOR.
VARIOUS COLORS AND LENS TYPES AVAILABLE.
PACKAGE : 2000PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
RoHS COMPLIANT.
Absolute Maximum Ratings
(TA=25°C)
MD
(InGaAlP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
185
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +85
°C
Operating Characteristics
(TA=25°C)
MD
(InGaAlP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
1.9
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=20mA)
λ P
640
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
628
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
27
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
45
pF
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZMD65W
Red
InGaAlP
Water Clear
110
297
640
120
°
R.
CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN, o=SPEC
專用, ou=SPEC專用,
email=fangdh@cn.
kingbright.com, c=<無>
日期︰2008.02.28 13:43:32
+08'00'


Similar Part No. - ZMD65W

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZMD6.2 DIOTEC-ZMD6.2 Datasheet
116Kb / 2P
Surface mount Silicon-Zener Diodes (non-planar technology)
ZMD6.2 DIOTEC-ZMD6.2 Datasheet
99Kb / 2P
Surface mount Silicon-Zener Diodes
logo
EIC discrete Semiconduc...
ZMD6.2 EIC-ZMD6.2 Datasheet
116Kb / 2P
ZENER DIODES
logo
Diotec Semiconductor
ZMD6.2 DIOTEC-ZMD6.2 Datasheet
134Kb / 2P
SMD Zener Diodes
ZMD6.2 DIOTEC-ZMD6.2 Datasheet
127Kb / 2P
SMD Zener Diodes
More results

Similar Description - ZMD65W

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APJA2107CGCK KINGBRIGHT-APJA2107CGCK Datasheet
147Kb / 5P
2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
APJA2107EC KINGBRIGHT-APJA2107EC Datasheet
149Kb / 5P
2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
APJA2107PBC-A KINGBRIGHT-APJA2107PBC-A Datasheet
163Kb / 5P
2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
APJA2107SECK KINGBRIGHT-APJA2107SECK Datasheet
148Kb / 5P
2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
APJA2107SGC KINGBRIGHT-APJA2107SGC Datasheet
147Kb / 5P
2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
APJA2107SURCK KINGBRIGHT-APJA2107SURCK Datasheet
127Kb / 4P
2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
APJA2107YC KINGBRIGHT-APJA2107YC Datasheet
117Kb / 4P
2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZMDK65W SUNLED-ZMDK65W Datasheet
189Kb / 4P
2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
ZVG65W SUNLED-ZVG65W Datasheet
194Kb / 4P
2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
ZMG65W SUNLED-ZMG65W Datasheet
190Kb / 4P
2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com