Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC14B1R Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC14B1R
Description  Hex Schmitt inverter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC14B1R Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC14B1R Datasheet HTML 1Page - STMicroelectronics M74HC14B1R Datasheet HTML 2Page - STMicroelectronics M74HC14B1R Datasheet HTML 3Page - STMicroelectronics M74HC14B1R Datasheet HTML 4Page - STMicroelectronics M74HC14B1R Datasheet HTML 5Page - STMicroelectronics M74HC14B1R Datasheet HTML 6Page - STMicroelectronics M74HC14B1R Datasheet HTML 7Page - STMicroelectronics M74HC14B1R Datasheet HTML 8Page - STMicroelectronics M74HC14B1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Pin connection and IEC logic symbols
M74HC14
2/14
1
Pin connection and IEC logic symbols
Figure 1.
Pin connections and IEC logic symbols
Figure 2.
Input and output equivalent circuit
Table 2.
Pin description
Pin number
Symbol
Name and function
1, 3, 5, 9, 11, 13
1A to 6A
Data inputs
2, 4, 6, 8, 10, 12
1Y to 6Y
Data outputs
7
GND
Ground (0 V)
14
VCC
Positive supply voltage
Table 3.
Truth table
AY
LH
HL
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
1
2
3
4
5
7
6
14
13
12
11
10
8
9
Output
V
CC
V
CC
GND
GND
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com