Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMDBB45W Datasheet(PDF) 1 Page - SunLED Corporation

Part # ZMDBB45W
Description  3.5x2.8mm SURFACE MOUNT LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZMDBB45W Datasheet(HTML) 1 Page - SunLED Corporation

  ZMDBB45W Datasheet HTML 1Page - SunLED Corporation ZMDBB45W Datasheet HTML 2Page - SunLED Corporation ZMDBB45W Datasheet HTML 3Page - SunLED Corporation ZMDBB45W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.SunLED.com
Published Date : MAY 22, 2006
Drawing No : SDSA4995
V2
Checked : B.L.LIU
P.1/4
Part Number:
ZMDBB45W
3.5x2.8mm SURFACE MOUNT LED LAMP
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZMDBB45W
Red
InGaAlP
Water Clear
70
218
640
Blue
InGaN
36
69
468
120°
Features
BOTH CHIPS CAN BE CONTROLLED SEPARATELY.
SUITABLE FOR ALL SMT ASSEMBLY AND
SOLDER PROCESS.
AVAILABLE ON TAPE AND REEL.
PACKAGE: 1500PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 4.
RoHS COMPLIANT.
Absolute Maximum Ratings
(TA=25°C))))
MD
(InGaA
lP)
BB
(InGaN) Unit
Reverse Voltage
VR
5
5
V
Forward Current
IF
50
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
185
160
mA
Power Dissipation
PT
125
126
mW
Operating Temperature
TA
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +85
Electrostatic Discharge Threshold
(HBM)
—
V
°C
1000
MD
(InGaA
lP)
Uni
t
Forward Voltage (Typ.)
(IF=20mA)
VF
1.9
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission (Typ.)
(IF=20mA)
λ P
640
nm
Wavelength of Dominant
Emission (Typ.)
(IF=20mA)
λ D
628
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
∆λ
27
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
45
pF
Operating Characteristics
(TA=25°C))))
BB
(InGaN)
3.65
4.2
10
468
470
25
65
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES


Similar Part No. - ZMDBB45W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZMDBGABBG86W SUNLED-ZMDBGABBG86W Datasheet
252Kb / 6P
3.0mmx3.0mm FULL-COLOR SURFACE MOUNT LED LAMP
More results

Similar Description - ZMDBB45W

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3528WG1S KINGBRIGHT-AA3528WG1S Datasheet
280Kb / 6P
3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528LSYCKT-J3 KINGBRIGHT-AA3528LSYCKT-J3 Datasheet
301Kb / 5P
3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528SECKT-J4 KINGBRIGHT-AA3528SECKT-J4 Datasheet
264Kb / 5P
3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528SYCKT-AMT KINGBRIGHT-AA3528SYCKT-AMT Datasheet
328Kb / 6P
3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528ZGC-G KINGBRIGHT-AA3528ZGC-G Datasheet
265Kb / 5P
3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528ZGCK KINGBRIGHT-AA3528ZGCK Datasheet
298Kb / 5P
3.5x2.8mm SURFACE MOUNT LED LAMP
AAA3528ESGCT KINGBRIGHT-AAA3528ESGCT Datasheet
328Kb / 6P
3.5x2.8mm SURFACE MOUNT LED LAMP
AAA3528LSEEZGKQBKS KINGBRIGHT-AAA3528LSEEZGKQBKS Datasheet
355Kb / 8P
3.5x2.8mm SURFACE MOUNT LED LAMP
AAAF3529LSEEZGKQBKS KINGBRIGHT-AAAF3529LSEEZGKQBKS Datasheet
397Kb / 8P
3.5x2.8mm SURFACE MOUNT LED LAMP
AAAF3529LSEKJ3ZGKQBS KINGBRIGHT-AAAF3529LSEKJ3ZGKQBS Datasheet
376Kb / 8P
3.5x2.8mm SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com