Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP36NF03L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP36NF03L
Description  N-CHANNEL 30V - 0.015 ohm - 36A TO-220 LOW GATE CHARGE STripFET POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP36NF03L Datasheet(HTML) 1 Page - STMicroelectronics

  STP36NF03L Datasheet HTML 1Page - STMicroelectronics STP36NF03L Datasheet HTML 2Page - STMicroelectronics STP36NF03L Datasheet HTML 3Page - STMicroelectronics STP36NF03L Datasheet HTML 4Page - STMicroelectronics STP36NF03L Datasheet HTML 5Page - STMicroelectronics STP36NF03L Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STP36NF03L
N-CHANNEL 30V - 0.015
Ω - 36A TO-220
LOW GATE CHARGE STripFET
™ POWER MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.015
Ω
s
TYPICAL Qg = 18 nC @ 10V
s
OPTIMAL RDS(on) xQg TRADE-OFF
s
CONDUCTION LOSSES REDUCED
s
SWITCHING LOSSES REDUCED
DESCRIPTION
This application specific Power Mosfet is the third
generation of STMicroelectronics unique ”Single
Feature Size
™” strip-based process. The resul-
ting transistor shows the best trade-off between
on-resistance and gate charge. When used as
high and low side in buck regulators, it gives the
best performance in terms of both conduction and
switching losses. This is extremely important for
motherboards where fast switching and high effi-
ciency are of paramount importance.
APPLICATIONS
s
SPECIFICALLY DESIGNED AND
OPTIMISED FOR HIGH EFFICIENCY CPU
CORE DC/DC CONVERTERS
®
INTERNAL SCHEMATIC DIAGRAM
January 2000
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
VDS
Drain-source Voltage (VGS =0)
30
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)30
V
VGS
G ate-source Volt age
± 20
V
ID
Drain Current (continuous) at Tc =25
oC36
A
ID
Drain Current (continuous) at Tc =100
oC25
A
IDM (
•)
Drain Current (pulsed)
144
A
Ptot
T otal Dissipat ion at Tc =25
oC75
W
Derating Factor
0.5
W /
o C
Tstg
Storage Temperature
-65 to 175
o C
Tj
Max. Operating Junction Temperature
175
o C
(
•) Pulse width limited by safe operating area
T YPE
VDSS
RDS(on)
ID
STP36NF03L
30 V
< 0. 02
Ω
36 A
1
2
3
TO-220
1/6


Similar Part No. - STP36NF03L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP36NF03L ISC-STP36NF03L Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP36NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB36NF02L STMICROELECTRONICS-STB36NF02L Datasheet
46Kb / 6P
N-CHANNEL 20V - 0.016 ohm - 36A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
Oct-1999
STB36NF03L STMICROELECTRONICS-STB36NF03L Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.015 ohm - 36A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STP70NF03L STMICROELECTRONICS-STP70NF03L Datasheet
255Kb / 9P
N-CHANNEL 30V - 0.008ohm - 70A TO-220/I2PAK LOW GATE CHARGE STripFET??POWER MOSFET
Mar-2001
STP85NF3LL STMICROELECTRONICS-STP85NF3LL Datasheet
264Kb / 9P
N-CHANNEL 30V - 0.006ohm - 85A TO-220/I2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Mar-2001
STP90NF03L STMICROELECTRONICS-STP90NF03L Datasheet
274Kb / 9P
N-CHANNEL 30V - 0.0056ohm - 90A TO-220/I2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Apr-2003
STS9NF30L STMICROELECTRONICS-STS9NF30L Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.015 ohm - 9A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STB70NF03L-1 STMICROELECTRONICS-STB70NF03L-1 Datasheet
405Kb / 11P
N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/I2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
Jun-2003
STP70NF3LL STMICROELECTRONICS-STP70NF3LL Datasheet
481Kb / 10P
N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
Oct-2003
STP90NF03L STMICROELECTRONICS-STP90NF03L_05 Datasheet
248Kb / 13P
N-channel 30V - 0.0056Ω -90A TO-220/I2PAK Low gate charge STripFET??Power MOSFET
17-Aug-2006
logo
Advanced Analogic Techn...
STS9NF30L ANALOGICTECH-STS9NF30L_02 Datasheet
284Kb / 8P
N-CHANNEL 30V - 0.015 W - 9A SO-8 LOW GATE CHARGE STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com