Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP38N06 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP38N06
Description  N - CHANNEL ENHANCEMENT MODE U"LTRA HIGH DENSITY” POWER MOS TRANSISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP38N06 Datasheet(HTML) 2 Page - STMicroelectronics

  STP38N06 Datasheet HTML 1Page - STMicroelectronics STP38N06 Datasheet HTML 2Page - STMicroelectronics STP38N06 Datasheet HTML 3Page - STMicroelectronics STP38N06 Datasheet HTML 4Page - STMicroelectronics STP38N06 Datasheet HTML 5Page - STMicroelectronics STP38N06 Datasheet HTML 6Page - STMicroelectronics STP38N06 Datasheet HTML 7Page - STMicroelectronics STP38N06 Datasheet HTML 8Page - STMicroelectronics STP38N06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
THERMAL DATA
Rthj-ca se
Rthj- amb
Rthc-si nk
Tl
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-sink
Typ
Maximum Lead T emperature For Soldering Purpose
1.66
62.5
0.5
300
oC/W
oC/W
oC/W
oC
AVALANCHE CHARACTERISTICS
Symb ol
Parameter
Max Valu e
Uni t
IAR
Avalanche Current , Repet itive or Not -Repetitive
(pulse widt h limited by Tj max,
δ <1%)
38
A
EAS
Single Pulse Avalanche Energy
(starting Tj =25
oC, I
D =IAR,VDD =25 V )
300
mJ
EAR
Repetit ive Avalanche Energy
(pulse widt h limited by Tj max,
δ <1%)
75
mJ
IAR
Avalanche Current , Repet itive or Not -Repetitive
(Tc =100
oC, pulse width limited by Tj max, δ <1%)
26
A
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
V(BR)DSS
Drain-source
Breakdown Volt age
ID = 250
µAVGS =0
60
V
IDSS
Zero Gat e Voltage
Drain Current (VGS =0)
VDS =Max Rating
VDS =Max Rating x0.8
Tc = 125
oC
250
1000
µA
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS =
± 20 V
± 100
nA
ON (
∗)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
VGS(th)
Gate T hreshold Voltage VDS =VGS
ID =250
µA2
3
4
V
RDS( on)
St atic Drain-source On
Resistance
VGS = 10V
ID =19 A
VGS = 10V
ID =19 A
Tc =100
oC
0.026
0.03
0.06
ID(o n)
On Stat e Drain Current
VDS >ID(on) xRDS(on)max
VGS =10 V
38
A
DYNAMIC
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
gfs (
∗)Forward
Transconductance
VDS >ID(on) xRDS(on)max
ID =19 A
14
19
S
Ciss
Coss
Crss
Input Capacitance
Output Capacit ance
Reverse Transfer
Capacitance
VDS = 25V
f = 1MHz
VGS = 0
2000
350
80
2800
450
120
pF
pF
pF
STP38N06
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com