Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GAL16V8D-25LS Datasheet(PDF) 18 Page - Lattice Semiconductor

Part # GAL16V8D-25LS
Description  High Performance E2CMOS PLD Generic Array Logic?
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL16V8D-25LS Datasheet(HTML) 18 Page - Lattice Semiconductor

Back Button GAL16V8D-25LS Datasheet HTML 14Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 15Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 16Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 17Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 18Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 19Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 20Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 21Page - Lattice Semiconductor GAL16V8D-25LS Datasheet HTML 22Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Specifications GAL16V8
18
N
ormalized Tpd vs Vcc
0.8
0.9
1
1.2
4.50
4.75
5.00
5.25
5.50
Supply Voltage (V)
Normalized Tco vs Vcc
0.8
0.9
1
1.1
1.2
4.50
4.75
5.00
5.25
5.50
Supply Voltage (V)
Normalized Tsu vs Vcc
0.8
0.9
1
1.1
1.2
4.50
4.75
5.00
5.25
5.50
Supply Voltage (V)
Normalized Tpd vs Temp
0.7
0.8
0.9
1
1.1
1.2
1.3
-55
-25
0
25
50
75
100
125
Temperature (deg. C)
Normalized Tco vs Temp
0.7
0.8
0.9
1
1.1
1.2
1.3
-55
-25
0
2 5
5 0
7 5
100
125
Temperature (deg. C)
Normalized Tsu vs Temp
0.7
0.9
1
1.1
-55
-25
0
255075
1 00
1 25
Temperature (deg. C)
PT H->L
PT L->H
PT H->L
PT L->H
1.1
PTH->L
PT L->H
1.3
1.2
0.8
RISE
FALL
PT H->L
PT L->H
RISE
FALL
Delta Tpd vs # of Outputs
Switching
-0.4
-0.3
-0.2
-0.1
0
12
34
56
7
8
Number of Outputs Switching
Delta Tco vs # of Outputs
Switching
-0.4
-0.3
-0.2
-0.1
0
12
3456
7
8
Number of Outputs Switching
Delta Tpd vs Output Loading
-2
10
12
14
0
50
100
150
200
250
3 00
Output Loading (pF)
Delta Tco vs Output Loading
-2
0
14
12
10
8
6
4
2
0
50
100
150
200
250
3 00
Output Loading (pF)
RISE
FALL
RISE
FALL
RISE
FALL
RISE
FALL
8
6
4
2
0
GAL16V8D-3/-5/-7 (IND PLCC): Typical AC and DC Characteristic Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com