Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3NB80 Datasheet(PDF) 1 Page - STMicroelectronics

Part # P3NB80
Description  N - CHANNEL 800V - 4.6ohm - 2.6A - TO-220/TO-220FP PowerMESH MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P3NB80 Datasheet(HTML) 1 Page - STMicroelectronics

  P3NB80 Datasheet HTML 1Page - STMicroelectronics P3NB80 Datasheet HTML 2Page - STMicroelectronics P3NB80 Datasheet HTML 3Page - STMicroelectronics P3NB80 Datasheet HTML 4Page - STMicroelectronics P3NB80 Datasheet HTML 5Page - STMicroelectronics P3NB80 Datasheet HTML 6Page - STMicroelectronics P3NB80 Datasheet HTML 7Page - STMicroelectronics P3NB80 Datasheet HTML 8Page - STMicroelectronics P3NB80 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STP3NB80
STP3NB80FP
N - CHANNEL 800V - 4.6
Ω - 2.6A - TO-220/TO-220FP
PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 4.6
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process, STMicroelectronics has designed an
advanced family
of
power MOSFETs
with
outstanding performances.
The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
UNINTERRUPTIBLE POWER SUPPLY(UPS)
s
DC-DC & DC-AC CONVERTERS FOR
TELECOM, INDUSTRIAL AND CONSUMER
ENVIRONMENT
®
INTERNAL SCHEMATIC DIAGRAM
January 1999
TO-220
TO-220FP
1
2
3
1
2
3
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
STP3NB80
STP3NB80F P
VDS
Drain-source Voltage (VGS =0)
800
V
VDGR
Drain- gate Volt age (RGS =20 k
Ω)
800
V
VGS
G ate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc =25
oC2.6
2.6 (
••)A
ID
Drain Current (continuous) at Tc =100
oC1.6
1.6 (
••)
A
IDM (
•)
Drain Current (pulsed)
10.4
10.4
A
Ptot
T otal Dissipation at Tc =25
oC90
35
W
Derating Factor
0.72
0.28
W /
o C
dv/dt (1)
Peak Diode Recovery volt age slope
4.5
V/ns
VISO
I nsulat ion W ithstand Voltage (DC)
2000
V
Tstg
Storage Temperat ure
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
(
•) Pulse width limited by safe operating area
( 1)ISD
≤ 2.6 A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMA
(
••) Limited only by maximum temperature allowed
TYPE
VDSS
RDS(on)
ID
ST P3NB80
ST P3NB80FP
800 V
800 V
<6.5
Ω
<6.5
Ω
2.6 A
2.6 A
1/9


Similar Part No. - P3NB80

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
P3NB80FP VBSEMI-P3NB80FP Datasheet
1Mb / 9P
Power MOSFET
More results

Similar Description - P3NB80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP4NB100 STMICROELECTRONICS-STP4NB100 Datasheet
109Kb / 9P
N - CHANNEL 1000V - 4ohm - 3.8A - TO-220/TO-220FP PowerMESH MOSFET
Oct-1999
STP4NB30FP STMICROELECTRONICS-STP4NB30FP Datasheet
331Kb / 9P
N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh™ MOSFET
May-2001
STP4NB50 STMICROELECTRONICS-STP4NB50 Datasheet
163Kb / 7P
N-CHANNEL 500V - 2.5ohm - 3.8A - TO-220/TO-220FP PowerMesh™ MOSFET
Apr-2003
STP4NB80 STMICROELECTRONICS-STP4NB80 Datasheet
354Kb / 9P
N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESH MOSFET
Sep-2001
STP5NB100 STMICROELECTRONICS-STP5NB100 Datasheet
106Kb / 9P
N - CHANNEL 1000V - 2.4ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Feb-2000
STP5NB60 STMICROELECTRONICS-STP5NB60 Datasheet
108Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Sep-1999
STP5NB80 STMICROELECTRONICS-STP5NB80 Datasheet
107Kb / 9P
N - CHANNEL 800V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP6NB90 STMICROELECTRONICS-STP6NB90 Datasheet
109Kb / 9P
N - CHANNEL 900V - 1.7ohm - 5.8A - TO-220/TO-220FP PowerMESH MOSFET
Jun-1999
STP7NB30 STMICROELECTRONICS-STP7NB30 Datasheet
108Kb / 9P
N - CHANNEL 300V - 0.75ohm - 7A - TO-220/TO-220FP PowerMESH MOSFET
Aug-1999
STP7NB80 STMICROELECTRONICS-STP7NB80 Datasheet
106Kb / 9P
N - CHANNEL 800V - 1.2ohm - 6.5A - TO-220/TO-220FP PowerMESH MOSFET
Apr-1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com