Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC640 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC640
Description  OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (INVERTING)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC640 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC640 Datasheet HTML 1Page - STMicroelectronics M74HC640 Datasheet HTML 2Page - STMicroelectronics M74HC640 Datasheet HTML 3Page - STMicroelectronics M74HC640 Datasheet HTML 4Page - STMicroelectronics M74HC640 Datasheet HTML 5Page - STMicroelectronics M74HC640 Datasheet HTML 6Page - STMicroelectronics M74HC640 Datasheet HTML 7Page - STMicroelectronics M74HC640 Datasheet HTML 8Page - STMicroelectronics M74HC640 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
August 2001
s
HIGH SPEED:
tPD = 10ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 6mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 640
DESCRIPTION
The 74HC640 is an advanced high-speed CMOS
OCTAL
BUS
TRANSCEIVER
(3-STATE)
fabricated with silicon gate C2MOS technology.
This IC is intended for two-way asynchronous
communication between data buses, and the
direction of data transmission is determined by
DIR input. The enable input G can be used to
disable the device so that the buses are effectively
isolated.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC640
OCTAL BUS TRANSCEIVER
WITH 3 STATE OUTPUTS (INVERTING)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC640B1R
SOP
M74HC640M1R
M74HC640RM13TR
TSSOP
M74HC640TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC640

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC643 STMICROELECTRONICS-M74HC643 Datasheet
338Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
Aug-2001
M74HC643B1R STMICROELECTRONICS-M74HC643B1R Datasheet
338Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
Aug-2001
M74HC643M1R STMICROELECTRONICS-M74HC643M1R Datasheet
338Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
Aug-2001
M74HC643RM13TR STMICROELECTRONICS-M74HC643RM13TR Datasheet
338Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
Aug-2001
M74HC643TTR STMICROELECTRONICS-M74HC643TTR Datasheet
338Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
Aug-2001
More results

Similar Description - M74HC640

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC640 PHILIPS-74HC640 Datasheet
47Kb / 6P
Octal bus transceiver; 3-state; inverting
March 1988
logo
STMicroelectronics
M74HC643 STMICROELECTRONICS-M74HC643 Datasheet
338Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
Aug-2001
logo
Fairchild Semiconductor
74F620 FAIRCHILD-74F620 Datasheet
52Kb / 6P
Inverting Octal Bus Transceiver with 3-STATE Outputs
logo
Integral Corp.
IN74LV620 INTEGRAL-IN74LV620 Datasheet
135Kb / 5P
OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
STMicroelectronics
M74HC623 STMICROELECTRONICS-M74HC623 Datasheet
316Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTING)
Aug-2001
logo
IK Semicon Co., Ltd
IN74LV620 IKSEMICON-IN74LV620 Datasheet
249Kb / 6P
OCTAL 3-STATE INVERTING BUS TRANSCEIVER
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
Octal 3-State Inverting Bus Transceiver
logo
Unisonic Technologies
U74LVC640 UTC-U74LVC640 Datasheet
208Kb / 5P
OCTAL BUS TRANSCEIVER WITH 3-STATE INVERTING OUTPUTS
logo
Motorola, Inc
MC74F620 MOTOROLA-MC74F620 Datasheet
108Kb / 5P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS (INVERTING AND NONINVERTING)
MC74F640 MOTOROLA-MC74F640 Datasheet
88Kb / 4P
OCTAL BUS TRANSCEIVER, INVERTING WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com