Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M87C257 Datasheet(PDF) 18 Page - STMicroelectronics

Part # M87C257
Description  Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M87C257 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M87C257_06 Datasheet HTML 14Page - STMicroelectronics M87C257_06 Datasheet HTML 15Page - STMicroelectronics M87C257_06 Datasheet HTML 16Page - STMicroelectronics M87C257_06 Datasheet HTML 17Page - STMicroelectronics M87C257_06 Datasheet HTML 18Page - STMicroelectronics M87C257_06 Datasheet HTML 19Page - STMicroelectronics M87C257_06 Datasheet HTML 20Page - STMicroelectronics M87C257_06 Datasheet HTML 21Page - STMicroelectronics M87C257_06 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Package mechanical
M87C257
18/22
5
Package mechanical
Figure 9.
FDIP28W - 28 pin Ceramic Frit-seal DIP, with window, package outline
1.
Drawing is not to scale.
Table 12.
FDIP28WB - 28 pin Ceramic Frit-seal DIP, with window (round 0.280"),
package mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A5.72
0.225
A1
0.51
1.40
0.020
0.055
A2
3.91
4.57
0.154
0.180
A3
3.89
4.50
0.153
0.177
B
0.41
0.56
0.016
0.022
B1
1.45
–
–
0.057
–
–
C
0.23
0.30
0.009
0.012
D
36.50
37.34
1.437
1.470
D2
33.02–
–1.300
–
–
E
15.24
–
–
0.600
–
–
E1
13.06
13.36
0.514
0.526
e2.54–
–
0.100
–
–
eA
14.99
–
–
0.590
–
–
eB
16.18
18.03
0.637
0.710
L
3.18
4.10
0.125
0.161
α
4°
11°
4°
11°
S
1.52
2.49
0.060
0.098
Ø7.11
–
–
0.280
–
–
N28
28
FDIPW-a
A3
A1
A
L
B1
B
e
D
S
E1
E
N
1
C
α
eA
D2
∅
eB
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com