Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675ASTR Datasheet(PDF) 31 Page - STMicroelectronics

Part # PM6675ASTR
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675ASTR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button PM6675ASTR Datasheet HTML 27Page - STMicroelectronics PM6675ASTR Datasheet HTML 28Page - STMicroelectronics PM6675ASTR Datasheet HTML 29Page - STMicroelectronics PM6675ASTR Datasheet HTML 30Page - STMicroelectronics PM6675ASTR Datasheet HTML 31Page - STMicroelectronics PM6675ASTR Datasheet HTML 32Page - STMicroelectronics PM6675ASTR Datasheet HTML 33Page - STMicroelectronics PM6675ASTR Datasheet HTML 34Page - STMicroelectronics PM6675ASTR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
PM6675AS
Device description
31/48
The Under-Voltage Protection circuit is enabled only at the end of the soft-start. Once an
UVP has taken part, a toggle on SWEN pin or a Power-On-Reset is necessary to clear the
fault state and restart the section.
7.1.12
Device thermal protection
The internal control circuitry of the PM6675AS self-monitors the junction temperature and
turns all outputs off when the 150 °C limit has been overran. This event causes the switching
section to be immediately disabled and both switches to be opened. The controller performs
a soft-end and both the outputs are eventually kept to ground, then the low side MOSFET is
turned on when the voltage of the switching section is lower than 400 mV.
The thermal fault is a latched protection and normal operating condition is restored by a
Power-On Reset or toggling SWEN and LEN pins at the same time.
7.2
LDO linear regulator section
The independent Low-Drop-Out (LDO) linear regulator has been designed to sink and
source up to 2 A peak current and 1 A continuously. The LDO output voltage can be
adjusted in the range 0.6 V to 3.3 V simply connecting a resistor divider as shown in
Figure 34 on page 32
.
Equation 23
Table 9.
Switching section OV, UV and OT faults management
Fault
Conditions
Action
Over voltage
VOUT > 115 % of the
nominal value
LGATE pin is forced high and the device latches off.
Exit by a Power-On Reset or toggling SWEN
Under voltage
VOUT < 70 % of the nominal
value
LGATE pin is forced high after the soft-end, then the
device latches off. Exit by a Power-On Reset or
toggling SWEN.
Junction over
temperature
TJ > +150 °C
LGATE pin is forced high after the soft-end, then the
device latches off. Exit by a Power-On Reset or
toggling SWEN and LEN after temperature drop.
20
R
20
R
19
R
6
.
0
VLDOADJ
+
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com