Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6680 Datasheet(PDF) 13 Page - STMicroelectronics

Part # PM6680
Description  No Rsense dual step-down controller with adjustable voltages for notebook system power
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PM6680_08 Datasheet HTML 9Page - STMicroelectronics PM6680_08 Datasheet HTML 10Page - STMicroelectronics PM6680_08 Datasheet HTML 11Page - STMicroelectronics PM6680_08 Datasheet HTML 12Page - STMicroelectronics PM6680_08 Datasheet HTML 13Page - STMicroelectronics PM6680_08 Datasheet HTML 14Page - STMicroelectronics PM6680_08 Datasheet HTML 15Page - STMicroelectronics PM6680_08 Datasheet HTML 16Page - STMicroelectronics PM6680_08 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
PM6680
Electrical characteristics
13/49
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
On time pulse width
Ton
On time duration
FSEL to
GND
OUT1=1.5 V
550
650
750
ns
OUT2=1.05 V
230
270
315
FSEL to
VREF
OUT1=1.5 V
375
445
515
OUT2=1.05 V
175
210
245
FSEL to
LDO5
OUT1=1.5 V
285
340
395
OUT2=1.05 V
125
150
175
OFF time
TOFFMIN
Minimum off time
350
500
ns
Voltage reference
VREF
Voltage accuracy
4 V < VLDO5 < 5.5 V
1.224
1.236
1.249
V
Load regulation
-100 µA< IREF < 100 µA
-4
4
mV
Undervoltage lockout fault
threshold
Falling edge of REF
0.95
mV
Integrator
FB
Voltage accuracy
-909
900
909
mV
FB
Input bias current
0.1
µA
COMP
Over voltage clamp
Normal mode
250
mV
Pulse skip mode
60
Under voltage clamp
-150
Line regulation
Both SMPS, 6 V<Vin<28 V(2)
0.004
%/V
LDO5 linear regulator
VLDO5
LDO5 linear output voltage
6 V<VIN<28 V ,
0 < ILDO5 < 50 mA
4.9
5.0
5.1
V
LDO5 line regulation
6 V< VIN < 28 V,
ILDO5 = 20 mA ,
0.004
%/V
ILDO5
LDO5 Current limit
VLDO5 > UVLO
270
330
400
mA
ULVO
Under Voltage Lockout of LDO5
3.94
4
4.13
V
Table 5.
Electrical characteristics (continued)
VIN = 12 V, TA = 0 °C to 85 °C, unless otherwise specified
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com