Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6685TR Datasheet(PDF) 20 Page - STMicroelectronics

Part # PM6685TR
Description  Dual step-down main supply controller with auxilary voltages for notebook system power
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6685TR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button PM6685TR Datasheet HTML 16Page - STMicroelectronics PM6685TR Datasheet HTML 17Page - STMicroelectronics PM6685TR Datasheet HTML 18Page - STMicroelectronics PM6685TR Datasheet HTML 19Page - STMicroelectronics PM6685TR Datasheet HTML 20Page - STMicroelectronics PM6685TR Datasheet HTML 21Page - STMicroelectronics PM6685TR Datasheet HTML 22Page - STMicroelectronics PM6685TR Datasheet HTML 23Page - STMicroelectronics PM6685TR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
Device description
PM6685
20/52
7
Device description
The PM6685 is a dual step-down controller dedicated to provide logic voltages for notebook
computers.
It is based on a Constant On Time control architecture. This type of control offers a very fast
load transient response with a minimum external component count. A typical application
circuit is shown in Figure 27 on page 19. The PM6685 regulates two fixed output voltages:
5V and 3.3V. The switching frequency of the two sections can be adjusted to approximately
200/300kHz, 300/400kHz or 400/500kHz respectively. In order to maximize the efficiency at
light load condition, a pulse skipping mode can be selected. The PM6685 includes also two
linear regulators (LDO5 and LDO3) that allow the shutdown of the respective switching
sections in low consumption status. On the other hand, to maximize the efficiency in higher
consumption status, the linear regulators can be turned off and their outputs can be
supplied directly from the switching outputs. The PM6685 provides protection versus
overvoltage, undervoltage and overtemperature as well as power good signals for
monitoring purposes. An external 1.237V reference is available.
7.1
Constant on time PWM control
If the SKIP pin is tied to 5V, the device works in PWM mode. Each power section has an
independent on time control.The PM6685 implements a pseudo-fixed switching frequency,
Constant On Time (COT) controller as core of the switched mode section. Each power
section has an independent COT control.
The COT controller is based on a relatively simple algorithm and uses the ripple voltage due
to the output capacitor’s ESR to trigger the fixed on-time one-shot generator. In this way, the
output capacitor’s ESR acts as a current sense resistor providing the appropriate ramp
signal to the PWM comparator. On-time one-shot duration is directly proportional to the
output voltage VOUT, sensed at the OUT5/OUT3 pins, and inversely proportional to the
input voltage VIN, sensed at the VIN pin, as follows:
Equation 1
This leads to a nearly constant switching frequency, regardless of input and output voltages.
When the output voltage goes lower than the regulated voltage Vreg, the on-time one shot
generator directly drives the high side MOSFET for a fixed on time allowing the inductor
current to increase; after the on time, an off time phase, in which the low side MOSFET is
turned on, follows. Figure 28 on page 21 shows the inductor current and the output voltage
waveforms in PWM mode.
IN
OUT
ON
V
V
K
T
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com