Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8800ATR Datasheet(PDF) 15 Page - STMicroelectronics

Part # PM8800ATR
Description  Integrated IEEE 802.3af compliant PoE-PD interface and PWM controller with support of external source
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8800ATR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button PM8800ATR Datasheet HTML 11Page - STMicroelectronics PM8800ATR Datasheet HTML 12Page - STMicroelectronics PM8800ATR Datasheet HTML 13Page - STMicroelectronics PM8800ATR Datasheet HTML 14Page - STMicroelectronics PM8800ATR Datasheet HTML 15Page - STMicroelectronics PM8800ATR Datasheet HTML 16Page - STMicroelectronics PM8800ATR Datasheet HTML 17Page - STMicroelectronics PM8800ATR Datasheet HTML 18Page - STMicroelectronics PM8800ATR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
PM8800A
Device description and operation
15/35
PM8800A can work with power either from PoE networks or from auxiliary sources - like AC
adapters -. Alternative sources are present in PoE appliances where devices can work also
outside the context of the PoE networks or to ensure normal operation even if PoE becomes
unavailable. PM8800A limits the number of external components to handle the coexistence
of both PoE and auxiliary supplies.
External sources can be connected so to exploit the in-rush current limitation provided by
the MOSFET or enabling the PWM section, bypassing the interface section.
A state-of-the-art current mode pulse with modulator is embedded in the PM8800A to sup-
port low side single ended isolated and non isolated topologies. A high gain bandwidth prod-
uct error amplifier is embedded for non isolated configuration.
PM8800A has a 80 % maximum duty cycle, featuring embedded slope compensation.
The PWM switching frequency of PM8800A is programmable with an appropriate resistor
and it is also capable of working with an external clock reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com