Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF43B Datasheet(PDF) 11 Page - STMicroelectronics

Part # RHF43B
Description  RAD-hardened precision bipolar single operational amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF43B Datasheet(HTML) 11 Page - STMicroelectronics

Back Button RHF43B Datasheet HTML 4Page - STMicroelectronics RHF43B Datasheet HTML 5Page - STMicroelectronics RHF43B Datasheet HTML 6Page - STMicroelectronics RHF43B Datasheet HTML 7Page - STMicroelectronics RHF43B Datasheet HTML 8Page - STMicroelectronics RHF43B Datasheet HTML 9Page - STMicroelectronics RHF43B Datasheet HTML 10Page - STMicroelectronics RHF43B Datasheet HTML 11Page - STMicroelectronics RHF43B Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
RHF43B
Ordering information
11/12
4
Ordering information
5
Revision history
Table 5.
Order codes
Order code
Description
Temperature
range
Package
Packing
Marking
RHF43BK-01V
Flight parts
-55°C, +125°C
Flat08
Individual cavity
anti-static material
trays
Marked against
QML SMD
RHF43BK1
Engineering
samples
-55°C, +125°C
Flat08
Individual cavity
anti-static material
trays
RHF43BK1
RHF43BK2
Engineering
samples with
48h burn-in
-55°C, +125°C
Flat08
Individual cavity
anti-static material
trays
RHF43BK2
43BDIE2V
QMLV
-55°C, +125°C
Naked die
Waffle-pack
No die marking
Table 6.
Document revision history
Date
Revision
Changes
21-May-2007
1
First public release.
10-Dec-2007
2
Changed name of pins on pinout diagram on cover page.
Modified supply current values over temperature range in electrical
characteristics.
Power dissipation removed from AMR table.
29-Jan-2008
3
Added ELRS-free rad-hard design in description on cover page.
Modified description of heavy ion latch-up (SEL) immunity parameter in Table 1
on page 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com