Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3NC60FP Datasheet(PDF) 1 Page - STMicroelectronics

Part # P3NC60FP
Description  N-CHANNEL 600V - 3.3ohm - 3A TO-220/TO-220FP PowerMeshII MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P3NC60FP Datasheet(HTML) 1 Page - STMicroelectronics

  P3NC60FP Datasheet HTML 1Page - STMicroelectronics P3NC60FP Datasheet HTML 2Page - STMicroelectronics P3NC60FP Datasheet HTML 3Page - STMicroelectronics P3NC60FP Datasheet HTML 4Page - STMicroelectronics P3NC60FP Datasheet HTML 5Page - STMicroelectronics P3NC60FP Datasheet HTML 6Page - STMicroelectronics P3NC60FP Datasheet HTML 7Page - STMicroelectronics P3NC60FP Datasheet HTML 8Page - STMicroelectronics P3NC60FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
May 2000
STP3NC60
STP3NC60FP
N-CHANNEL 600V - 3.3
Ω - 3A TO-220/TO-220FP
PowerMesh
™II MOSFET
s
TYPICAL RDS(on) = 3.3 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
NEW HIGH VOLTAGE BENCHMARK
s
GATE CHARGE MINIMIZED
DESCRIPTION
The PowerMESH
™ II is the evolution of the first
generation of MESH OVERLAY
™. The layout re-
finements introduced greatly improve the Ron*area
figure of merit while keeping the device at the lead-
ing edge for what concerns swithing speed, gate
charge and ruggedness.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVER
ABSOLUTE MAXIMUM RATINGS
(
•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STP3NC60
600 V
<3.6
Ω
3A
STP3NC60FP
600V
<3.6
Ω
2A
Symbol
Parameter
Value
Unit
STP3NC60
STP3NC60FP
VDS
Drain-source Voltage (VGS =0)
600
V
VDGR
Drain-gate Voltage (RGS =20 kΩ)
600
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuos) at TC =25°C
33
A
ID
Drain Current (continuos) at TC = 100°C
1.9
1.9(*)
A
IDM (q)
Drain Current (pulsed)
12
12(*)
A
PTOT
Total Dissipation at TC =25°C
80
40
W
Derating Factor
0.64
0.32
W/
°C
dv/dt (1)
Peak Diode Recovery voltage slope
3.5
V/ns
VISO
Insulation Withstand Voltage (DC)
-
2000
Tstg
Storage Temperature
–60 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
(1)ISD ≤3A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX.
(*)Limited only by maximum temperature allowed
INTERNAL SCHEMATIC DIAGRAM
1
2
3
1
2
3
TO-220
TO-220FP


Similar Part No. - P3NC60FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P3NA50 STMICROELECTRONICS-P3NA50 Datasheet
201Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
P3NA60 STMICROELECTRONICS-P3NA60 Datasheet
201Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
P3NA80FI STMICROELECTRONICS-P3NA80FI Datasheet
200Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1993
P3NA90FI STMICROELECTRONICS-P3NA90FI Datasheet
59Kb / 6P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Mar-1996
P3NB60FP STMICROELECTRONICS-P3NB60FP Datasheet
115Kb / 9P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Mar-1998
More results

Similar Description - P3NC60FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB3NC60 STMICROELECTRONICS-STB3NC60 Datasheet
94Kb / 9P
N - CHANNEL 600V - 3.3ohm- 3A - D2PAK/I2PAK PowerMESHII MOSFET
Feb-2000
STP2HNC60 STMICROELECTRONICS-STP2HNC60 Datasheet
328Kb / 9P
N-CHANNEL 600V - 4ohm - 2.2A TO-220/TO-220FP PowerMesh™ I MOSFET
May-2001
STP2NC60 STMICROELECTRONICS-STP2NC60 Datasheet
334Kb / 9P
N-CHANNEL 600V - 7ohm - 1.9A - TO-220/TO-220FP PowerMesh™ I MOSFET
Apr-2001
STP4NC50 STMICROELECTRONICS-STP4NC50 Datasheet
107Kb / 9P
N-CHANNEL 500V - 2.2ohm - 4A TO-220/TO-220FP PowerMeshII MOSFET
May-2000
STP5NB60 STMICROELECTRONICS-STP5NB60 Datasheet
108Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Sep-1999
STP8NC60 STMICROELECTRONICS-STP8NC60 Datasheet
326Kb / 9P
N-CHANNEL 600V - 0.85ohm - 7A TO-220/TO-220FP PowerMesh™II MOSFET
Jul-2001
STP9NC60 STMICROELECTRONICS-STP9NC60 Datasheet
108Kb / 9P
N - CHANNEL 600V - 0.6ohm - 9A TO-220/TO-220FP PowerMESHII MOSFET
Feb-2000
STGP3NB60F STMICROELECTRONICS-STGP3NB60F Datasheet
732Kb / 14P
N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH™ IGBT
Jun-2003
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD_03 Datasheet
586Kb / 12P
N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
Sep-2003
STP7NB60 STMICROELECTRONICS-STP7NB60_07 Datasheet
271Kb / 11P
N-CHANNEL 600V - 1.0 廓 - 7.2A TO-220/TO-220FP PowerMESH??MOSFET
14-Apr-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com