Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL4913SCA1 Datasheet(PDF) 13 Page - STMicroelectronics

Part # RHFL4913SCA1
Description  Rad-hard adjustable positive voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913SCA1 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button RHFL4913SCA1 Datasheet HTML 9Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 10Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 11Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 12Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 13Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 14Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 15Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 16Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
RHFL4913
Die information
13/19
8.1
Die bonding pad locations and electrical functions
Die physical dimensions:
Die size: 150 mils x 110 mils (3.81 mm by 2.79 mm)
Die thickness: 375 µm
± 25 µm (14.8 mils ± 1 mil)
Pad size: VIN, VOUT pads: 450 µm x 330 µm (17.7 mils by 13 mils)
Control pads: 184 µm x 184 µm (7.25 mils square)
Interface materials:
Top metallization: Al/Si/Cu, 1.05 µm
± 0.15 µm
Backside metallization: none
Glassivation:
Type: p. vapox + nitride
Thickness: 0.6 µm
± 0.1 µm + 0.6 µm ± 0.08 µm
Substrate: bare silicon
Assembly related information:
Substrate potential: floating recommended to be tied to ground
Special assembly instructions: "Sense" pad not used; not internally connected to
any part of the IC. Can be connected to ground when space anti-static electricity
rules apply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com