Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL7913SCA1 Datasheet(PDF) 12 Page - STMicroelectronics

Part # RHFL7913SCA1
Description  Rad-hard adjustable negative voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL7913SCA1 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button RHFL7913SCA1 Datasheet HTML 8Page - STMicroelectronics RHFL7913SCA1 Datasheet HTML 9Page - STMicroelectronics RHFL7913SCA1 Datasheet HTML 10Page - STMicroelectronics RHFL7913SCA1 Datasheet HTML 11Page - STMicroelectronics RHFL7913SCA1 Datasheet HTML 12Page - STMicroelectronics RHFL7913SCA1 Datasheet HTML 13Page - STMicroelectronics RHFL7913SCA1 Datasheet HTML 14Page - STMicroelectronics RHFL7913SCA1 Datasheet HTML 15Page - STMicroelectronics RHFL7913SCA1 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Die information
RHFL7913A
12/19
7
Die information
RHFL7913A adjustable is also available in die form. Space dice are electrically tested by
STMicroelectronics in such a way that, when mounted in proper thermal and electrical
substrate, they are in full compliance with equivalent packaged device:
DIE physical dimensions.
DIE size: 110 mils x 166 mils
DIE thickness: 375 µm +/-25 µm (14.8 mils +/- 1 mil)
Pad size:
VI, VO pads: 245 µm x 544 µm
Control pads: 184 µm x 184 µm
Interface materials
Top Metallization: Al/Si/Cu 1.05 µm +/- 0.15 µm
Backside metallization: None
Glassivation
Type: P.Vapox + Nitride
Thickness: 0.6 µm +/- 0.1µm + 0.6µm +/-0.08 µm
Substrate: Silicon (connected to VI = Vminus)
The SENSE pad is layout on the die but is not electrically connected to the IC and shall be
left non-bonded during hybrid bonding.
Figure 3.
DIE size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com