Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA6F Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMA6F
Description  High junction temperature Transil
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6F Datasheet(HTML) 3 Page - STMicroelectronics

  SMA6F Datasheet HTML 1Page - STMicroelectronics SMA6F Datasheet HTML 2Page - STMicroelectronics SMA6F Datasheet HTML 3Page - STMicroelectronics SMA6F Datasheet HTML 4Page - STMicroelectronics SMA6F Datasheet HTML 5Page - STMicroelectronics SMA6F Datasheet HTML 6Page - STMicroelectronics SMA6F Datasheet HTML 7Page - STMicroelectronics SMA6F Datasheet HTML 8Page - STMicroelectronics SMA6F Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SMA6F
Characteristics
3/9
Figure 1.
Definition of Ipp pulse
Table 4.
Electrical characteristics - values (Tamb = 25 °C)
Type
IRM max@VRM
VBR @IR
(1)
VCL @IPP
10/1000 µs
RD
(2)
10/1000 µs
VCL @IPP
8/20 µs
RD
(2)
8/20 µs
αT(3)
25 °C 85 °C
min
typ
max
max
max
max
µA (Max)
V
V
mA
V
A
Ω
VA
Ω
10-4/°C
SMA6F5.0A
10
50
5.0 6.40 6.74 7.07 10
9.2
68
0.029
13.4 298
0.021
5.7
SMA6F12AVCL
0.2
1
12
13.2 13.7 14.3
1
18.5
31
0.135
22.9 157
0.055
7.8
SMA6F13A
0.2
1
13
14.4 15.2 15.9
1
20.4
29
0.154
23.9 147
0.054
8.3
1.
Pulse test: tp <50ms.
2.
To calculate maximum clamping voltage at other surge currents, use the following formula
VCLmax = RD x IPP + VBRmax
3.
To calculate VBR versus junction temperature, use the following formula:
VBR @ Tj = VBR @ 25 °C x (1 + αT x (Tj - 25))
100
50
%IPP
tr
tp
0
t
Repetitive peak pulse current
tr = rise time (µs)
tp = pulse duration time (µs)
Figure 2.
Relative peak power dissipation
versus initial junction temperature
Figure 3.
Peak pulse power versus
exponential pulse duration
(Tj initial = 25 °C)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
25
50
75
100
125
150
175
200
P
PP[Tj initial] / PPP[Tj initial=25°C]
initial (°C)
Tj
P
(kW)
PP
0.1
1.0
10.0
100.0
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
T
j initial = 25 °C
t (ms)
p



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com