Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA6J-85ATR Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMA6J-85ATR
Description  High junction temperature Transil
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6J-85ATR Datasheet(HTML) 4 Page - STMicroelectronics

  SMA6J-85ATR Datasheet HTML 1Page - STMicroelectronics SMA6J-85ATR Datasheet HTML 2Page - STMicroelectronics SMA6J-85ATR Datasheet HTML 3Page - STMicroelectronics SMA6J-85ATR Datasheet HTML 4Page - STMicroelectronics SMA6J-85ATR Datasheet HTML 5Page - STMicroelectronics SMA6J-85ATR Datasheet HTML 6Page - STMicroelectronics SMA6J-85ATR Datasheet HTML 7Page - STMicroelectronics SMA6J-85ATR Datasheet HTML 8Page - STMicroelectronics SMA6J-85ATR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
SMA6J
4/10
Figure 3.
Clamping voltage versus peak pulse current
(exponential waveform, maximum values)
Figure 1.
Peak power dissipation versus
initial junction temperature
Figure 2.
Peak pulse power versus
exponential pulse duration
(Tj initial = 25 °C)
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
175
200
%
T (°C)
j
0.1
1.0
10.0
0.01
0.10
1.00
10.00
P
(kW)
PP
t (ms)
p
T initial=25°C
j
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1
10
100
1000
IPP(A)
VCL(V)
T = 25°C
j
t = 20 µs
p
t = 1 ms
p
SMA6J5.0A/CA
SMA6J10A/CA
SMA6J15A/CA
SMA6J188A/CA
SMA6J100A/CA
SMA6J48A/CA
SMA6J26A/CA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com