Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA6J Datasheet(PDF) 7 Page - STMicroelectronics

Part # SMA6J
Description  High junction temperature Transil
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6J Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SMA6J Datasheet HTML 2Page - STMicroelectronics SMA6J Datasheet HTML 3Page - STMicroelectronics SMA6J Datasheet HTML 4Page - STMicroelectronics SMA6J Datasheet HTML 5Page - STMicroelectronics SMA6J Datasheet HTML 6Page - STMicroelectronics SMA6J Datasheet HTML 7Page - STMicroelectronics SMA6J Datasheet HTML 8Page - STMicroelectronics SMA6J Datasheet HTML 9Page - STMicroelectronics SMA6J Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SMA6J
Package information
7/10
3
Package information
●
Case: JEDEC DO-214AC molded plastic over Planar junction
●
Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
●
Polarity: For unidirectional types the band indicates cathode.
●
Flammability: Epoxy is rated UL94V-0
●
RoHS package
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 5.
SMA dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.03
0.075
0.08
A2
0.05
0.20
0.002
0.008
b
1.25
1.65
0.049
0.065
c
0.15
0.40
0.006
0.016
D
2.25
2.90
0.089
0.114
E
4.80
5.35
0.189
0.211
E1
3.95
4.60
0.156
0.181
L
0.75
1.50
0.030
0.059
Figure 11.
SMA footprint dimensions
Figure 12.
Marking information
E
C
L
E1
D
A1
A2
b
1.40
(0.055)
1.40
(0.055)
2.63
(0.104)
5.43
(0.214)
1.40
(0.055)
1.40
(0.055)
2.63
(0.104)
5.43
(0.214)
milimeters
(inches)
milimeters
(inches)
y w w
e3
z
x x x
e3: ECOPACK ( Leadfree)
XXX: Marking
Z: Manufacturing location
Y: Year
WW: week
Cathode bar (unidirectional devices only )



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com