Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMDKBBA88W Datasheet(PDF) 1 Page - SunLED Corporation

Part # ZMDKBBA88W
Description  3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZMDKBBA88W Datasheet(HTML) 1 Page - SunLED Corporation

  ZMDKBBA88W Datasheet HTML 1Page - SunLED Corporation ZMDKBBA88W Datasheet HTML 2Page - SunLED Corporation ZMDKBBA88W Datasheet HTML 3Page - SunLED Corporation ZMDKBBA88W Datasheet HTML 4Page - SunLED Corporation ZMDKBBA88W Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Published Date : FEB 25, 2008
Drawing No : SDSA6315
V1
Checked : B.L.LIU
P.1/5
Part Number:
ZMDKBBA88W
3.2x1.0mm RIGHT ANGLE BI-COLOR SMD
CHIP LED LAMP
www.SunLED.com
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.1(0.004") unless otherwise noted.
3. Specifications are subject to change without notice.
Features
3.2mmx1.0mm RIGHT ANGLE SMT LED,
1.5mm THICKNESS.
LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
PACKAGE : 2000PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
RoHS COMPLIANT.
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZMDKBBA88W
Red
InGaAlP
Water Clear
110
198
650
Blue
InGaN
18
59
468
120°
PRELIMINARY SPEC
Absolute Maximum Ratings
(TA=25°C)
MDK
(InGaA
lP)
BBA
(InGaN
)
Unit
Reverse Voltage
VR
5
5
V
Forward Current
IF
30
30
mA
Forward Current (Peak)
1/10Duty Cycle
0.1ms Pulse Width
iFS
185
100
mA
Power Dissipation
PT
75
120
mW
-
1000
V
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Electrostatic Discharge
Threshold (HBM)
MDK
(InGaA
lP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
1.95
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=20mA)
λ P
650
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
635
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
28
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
35
pF
Operating Characteristics
(TA=25°C)
BBA
(InGaN
)
3.2
4.0
10
468
470
21
100
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES


Similar Part No. - ZMDKBBA88W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZMDKBBA45W SUNLED-ZMDKBBA45W Datasheet
243Kb / 5P
3.5x2.8mm PLCC4 SMD LED
ZMDKBBA55W-7 SUNLED-ZMDKBBA55W-7 Datasheet
218Kb / 5P
3.2mm x 1.6mm BI-COLOR SURFACE MOUNT LED LAMP
ZMDKBBA55W-8 SUNLED-ZMDKBBA55W-8 Datasheet
225Kb / 5P
3.2x1.6mm SMD CHIP LED LAMP
ZMDKBBA56W SUNLED-ZMDKBBA56W Datasheet
225Kb / 5P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZMDKBBA57W SUNLED-ZMDKBBA57W Datasheet
228Kb / 5P
3.0x2.5mm SURFACE MOUNT LED LAMP
More results

Similar Description - ZMDKBBA88W

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APBA3210ESGC-F01 KINGBRIGHT-APBA3210ESGC-F01 Datasheet
337Kb / 6P
3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
APBA3210EYC-F01 KINGBRIGHT-APBA3210EYC-F01 Datasheet
339Kb / 6P
3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
APBA3210SURKCGKC-F01 KINGBRIGHT-APBA3210SURKCGKC-F01 Datasheet
339Kb / 6P
3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
APBA3210SYKCGKC-F01 KINGBRIGHT-APBA3210SYKCGKC-F01 Datasheet
337Kb / 6P
3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
APBA3210YSGC-F01 KINGBRIGHT-APBA3210YSGC-F01 Datasheet
338Kb / 6P
3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
APFA3210QBCVGASEKC KINGBRIGHT-APFA3210QBCVGASEKC Datasheet
221Kb / 7P
3.2x1.0mm RIGHT ANGLE FULL COLOR SMD CHIP LED LAMP
APFA3210PBAVGASURKC KINGBRIGHT-APFA3210PBAVGASURKC Datasheet
224Kb / 7P
3.2x1.0mm RIGHT ANGLE FULL COLOR SMD CHIP LED LAMP
logo
SunLED Corporation
ZMD88W SUNLED-ZMD88W Datasheet
191Kb / 4P
3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZMDK88W SUNLED-ZMDK88W Datasheet
190Kb / 4P
3.2x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZMDKVG88W SUNLED-ZMDKVG88W Datasheet
220Kb / 5P
3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com