Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRI4K-W41GE Datasheet(PDF) 13 Page - STMicroelectronics

Part # SRI4K-W41GE
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI4K-W41GE Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SRI4K-W41GE Datasheet HTML 9Page - STMicroelectronics SRI4K-W41GE Datasheet HTML 10Page - STMicroelectronics SRI4K-W41GE Datasheet HTML 11Page - STMicroelectronics SRI4K-W41GE Datasheet HTML 12Page - STMicroelectronics SRI4K-W41GE Datasheet HTML 13Page - STMicroelectronics SRI4K-W41GE Datasheet HTML 14Page - STMicroelectronics SRI4K-W41GE Datasheet HTML 15Page - STMicroelectronics SRI4K-W41GE Datasheet HTML 16Page - STMicroelectronics SRI4K-W41GE Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
SRI4K
Data transfer
13/45
3.4
CRC
The 16-bit CRC used by the SRI4K is generated in compliance with the ISO14443 Type B
recommendation. For further information, please see Appendix A. The initial register
contents are all 1s: FFFFh.
The two-byte CRC is present in every request and in every answer frame, before the EOF.
The CRC is calculated on all the bytes between SOF (not included) and the CRC field.
Upon reception of a request from a reader, the SRI4K verifies that the CRC value is valid. If
it is invalid, the SRI4K discards the frame and does not answer the reader.
Upon reception of an answer from the SRI4K, the reader should verify the validity of the
CRC. In case of error, the actions to be taken are the reader designer’s responsibility.
The CRC is transmitted with the least significant byte first and each byte is transmitted with
the least significant bit first.
Figure 11.
CRC transmission rules
CRC 16 (8 bits)
CRC 16 (8 bits)
LSbit
MSbit
LSbit
MSbit
LSByte
MSByte
ai07667



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com