Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRI512-W41GE Datasheet(PDF) 39 Page - STMicroelectronics

Part # SRI512-W41GE
Description  13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI512-W41GE Datasheet(HTML) 39 Page - STMicroelectronics

Back Button SRI512-W41GE Datasheet HTML 35Page - STMicroelectronics SRI512-W41GE Datasheet HTML 36Page - STMicroelectronics SRI512-W41GE Datasheet HTML 37Page - STMicroelectronics SRI512-W41GE Datasheet HTML 38Page - STMicroelectronics SRI512-W41GE Datasheet HTML 39Page - STMicroelectronics SRI512-W41GE Datasheet HTML 40Page - STMicroelectronics SRI512-W41GE Datasheet HTML 41Page - STMicroelectronics SRI512-W41GE Datasheet HTML 42Page - STMicroelectronics SRI512-W41GE Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
SRI512
Maximum rating
39/47
9
Maximum rating
Stressing the device above the rating listed in the absolute maximum ratings table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 6.
Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
TSTG
tSTG
Storage conditions
Wafer
(kept in its antistatic bag)
15
25
°C
23
months
ICC
Supply current on AC0 / AC1
–20
20
mA
VMAX
Input voltage on AC0 / AC1
–7
7
V
VESD
Electrostatic discharge
voltage
Machine model(1)
1.
Mil. Std. 883 - Method 3015
–100
100
V
Human body model(1)
–1000
1000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com