Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRT512 Datasheet(PDF) 23 Page - STMicroelectronics

Part # SRT512
Description  13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRT512 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button SRT512 Datasheet HTML 19Page - STMicroelectronics SRT512 Datasheet HTML 20Page - STMicroelectronics SRT512 Datasheet HTML 21Page - STMicroelectronics SRT512 Datasheet HTML 22Page - STMicroelectronics SRT512 Datasheet HTML 23Page - STMicroelectronics SRT512 Datasheet HTML 24Page - STMicroelectronics SRT512 Datasheet HTML 25Page - STMicroelectronics SRT512 Datasheet HTML 26Page - STMicroelectronics SRT512 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
SRT512
Anticollision
23/46
7
Anticollision
The SRT512 provides an anticollision mechanism that searches for the Chip_ID of each
device that is present in the reader field range. When known, the Chip_ID is used to select
an SRT512 individually, and access its memory. The anticollision sequence is managed by
the reader through a set of commands described in Section 5: SRT512 operation:
Initiate()
Pcall16()
Slot_marker().
The reader is the master of the communication with one or more SRT512 device(s). It
initiates the tag communication activity by issuing an Initiate(), Pcall16() or Slot_marker()
command to prompt the SRT512 to answer. During the anticollision sequence, it might
happen that two or more SRT512 devices respond simultaneously, so causing a collision.
The command set allows the reader to handle the sequence, to separate SRT512
transmissions into different time slots. Once the anticollision sequence has completed,
SRT512 communication is fully under the control of the reader, allowing only one SRT512 to
transmit at a time.
The Anticollision scheme is based on the definition of time slots during which the SRT512
devices are invited to answer with minimum identification data: the Chip_ID. The number of
slots is fixed at 16 for the Pcall16() command. For the Initiate() command, there is no slot
and the SRT512 answers after the command is issued. SRT512 devices are allowed to
answer only once during the anticollision sequence. Consequently, even if there are several
SRT512 devices present in the reader field, there will probably be a slot in which only one
SRT512 answers, allowing the reader to capture its Chip_ID. Using the Chip_ID, the reader
can then establish a communication channel with the identified SRT512. The purpose of the
anticollision sequence is to allow the reader to select one SRT512 at a time.
The SRT512 is given an 8-bit Chip_ID value used by the reader to select only one among up
to 256 tags present within its field range. The Chip_ID is initialized with a random value
during the Ready state, or after an Initiate() command in the Inventory state.
The four least significant bits (b
0 to b3) of the Chip_ID are also known as the
Chip_slot_number. This 4-bit value is used by the Pcall16() and Slot_marker() commands
during the anticollision sequence in the Inventory state.
Figure 19.
SRT512 Chip_ID description
Each time the SRT512 receives a Pcall16() command, the Chip_slot_number is given a new
4-bit random value. If the new value is 0000b, the SRT512 returns its whole 8-bit Chip_ID in
its answer to the Pcall16() command. The Pcall16() command is also used to define the slot
number 0 of the anticollision sequence. When the SRT512 receives the Slot_marker(SN)
command, it compares its Chip_slot_number with the Slot_number parameter (SN). If they
match, the SRT512 returns its Chip_ID as a response to the command. If they do not, the
SRT512 does not answer. The Slot_marker(SN) command is used to define all the
anticollision slot numbers from 1 to 15.
ai07668b
b7
b6
b5
b4
b3
b2
b1
b0
8-bit Chip_ID
b0 to b3: Chip_slot_number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com