Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S06 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST1S06
Description  Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S06 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST1S06 Datasheet HTML 12Page - STMicroelectronics ST1S06 Datasheet HTML 13Page - STMicroelectronics ST1S06 Datasheet HTML 14Page - STMicroelectronics ST1S06 Datasheet HTML 15Page - STMicroelectronics ST1S06 Datasheet HTML 16Page - STMicroelectronics ST1S06 Datasheet HTML 17Page - STMicroelectronics ST1S06 Datasheet HTML 18Page - STMicroelectronics ST1S06 Datasheet HTML 19Page - STMicroelectronics ST1S06 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ST1S06xx
Revision history
19/20
9
Revision history
Table 8.
Document revision history
Date
Revision
Changes
08-May-2006
1
Initial release.
06-Jun-2006
2
Table 3 updated.
16-Oct-2006
3
Add new mechanical data DFN6D.
09-Nov-2006
4
Mechanical data information for DFN6 update.
03-Apr-2007
5
Tape and reel updated.
12-Mar-2008
6
Added: Table 1 on page 1.
15-Apr-2008
7
Modified: Figure 6 on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com