Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA100RL Datasheet(PDF) 7 Page - STMicroelectronics

Part # TPA100RL
Description  Trisil for telecom equipment protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TPA100RL Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TPA100RL Datasheet HTML 3Page - STMicroelectronics TPA100RL Datasheet HTML 4Page - STMicroelectronics TPA100RL Datasheet HTML 5Page - STMicroelectronics TPA100RL Datasheet HTML 6Page - STMicroelectronics TPA100RL Datasheet HTML 7Page - STMicroelectronics TPA100RL Datasheet HTML 8Page - STMicroelectronics TPA100RL Datasheet HTML 9Page - STMicroelectronics TPA100RL Datasheet HTML 10Page - STMicroelectronics TPA100RL Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SMP50 / SMTPA / TPA
Ordering information scheme
7/11
2
Ordering information scheme
3
Package information
●
Epoxy meets UL94, V0
Figure 12.
Footprint, dimensions in mm (inches)
SMP
50
-
xxx
Series
Repetitive Peak Pulse Current
Voltage
SMP = Trisil surface mount in SMA
SMTP = Trisil surface mount in SMB
TP = Trisil in DO-15
A or 50 = 50 A
62 = 62 V
Table 6.
SMA dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.094
A2
0.05
0.20
0.002
0.008
b
1.25
1.65
0.049
0.065
c
0.15
0.40
0.006
0.016
D
2.25
2.90
0.089
0.114
E
4.80
5.35
0.189
0.211
E1
3.95
4.60
0.156
0.181
L
0.75
1.50
0.030
0.059
E
C
L
E1
D
A1
A2
b
2.63
(0.103)
5.43
(0.214)
1.4
1.64
(0.064)
1.4
(0.055)
(0.055)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com