Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP40NF03L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP40NF03L
Description  N - CHANNEL 30V - 0.020 ohm - 40A TO-220 STripFET POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP40NF03L Datasheet(HTML) 1 Page - STMicroelectronics

  STP40NF03L Datasheet HTML 1Page - STMicroelectronics STP40NF03L Datasheet HTML 2Page - STMicroelectronics STP40NF03L Datasheet HTML 3Page - STMicroelectronics STP40NF03L Datasheet HTML 4Page - STMicroelectronics STP40NF03L Datasheet HTML 5Page - STMicroelectronics STP40NF03L Datasheet HTML 6Page - STMicroelectronics STP40NF03L Datasheet HTML 7Page - STMicroelectronics STP40NF03L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STP40NF03L
N - CHANNEL 30V - 0.020
Ω - 40A TO-220
STripFET
™ POWER MOSFET
s
TYPICAL RDS(on) = 0.020
Ω
s
LOW THRESHOLD DRIVE
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronics
unique
”Single
Feature
Size
™” strip-based process. The resulting
transistor shows extremely high packing density
for
low
on-resistance,
rugged
avalanche
characteristics and less critical alignment steps
therefore
a
remarkable
manufacturing
reproducibility.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SOLENOID AND RELAY DRIVERS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
DC-DC & DC-AC CONVERTERS
®
INTERNAL SCHEMATIC DIAGRAM
October 1999
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS =0)
30
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)30
V
VGS
G ate-source Volt age
± 20
V
ID
Drain Current (continuous) at Tc =25
oC40
A
ID
Drain Current (continuous) at Tc = 100
oC28
A
IDM(
•)
Drain Current (pulsed)
160
A
Ptot
T otal Dissipation at Tc =25
oC70
W
Derating Factor
0.46
W /
oC
EAS (1)
Single Pulse Avalanche Energy
250
m/ J
Tstg
Storage Temperature
-65 to 175
oC
Tj
Max. Operating Junction Temperature
175
oC
(
•) Pulse width limited by safe operating area
( 1
) starting Tj =25 oC, ID =20A , VDD = 15V
TYPE
VDSS
RDS(o n)
ID
STP40NF03L
30 V
< 0.022
Ω
40 A
1
2
3
TO-220
1/8


Similar Part No. - STP40NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP40NF03L STMICROELECTRONICS-STP40NF03L Datasheet
254Kb / 12P
N-channel 30V - 0.018Ω - 40A - TO-220 STripFET??Power MOSFET
21-Feb-2007
STP40NF03L STMICROELECTRONICS-STP40NF03L Datasheet
433Kb / 14P
N-channel 30 V, 0.018, 40 A TO-220, TO-220FP STripFET Power MOSFET
22-Feb-2010
logo
Inchange Semiconductor ...
STP40NF03L ISC-STP40NF03L Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP40NF03L STMICROELECTRONICS-STP40NF03L_07 Datasheet
254Kb / 12P
N-channel 30V - 0.018Ω - 40A - TO-220 STripFET??Power MOSFET
21-Feb-2007
More results

Similar Description - STP40NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB3015L STMICROELECTRONICS-STB3015L Datasheet
59Kb / 6P
N - CHANNEL 30V - 0.013 ohm - 40A - D2PAK/TO-220 STripFETO POWER MOSFET
Jul-1998
STB40NF03L STMICROELECTRONICS-STB40NF03L Datasheet
84Kb / 8P
N - CHANNEL 30V - 0.020 ohm - 40A D2PAK STripFET POWER MOSFET
Oct-1999
STD30NF03L STMICROELECTRONICS-STD30NF03L Datasheet
85Kb / 8P
N - CHANNEL 30V - 0.020 ohm - 30A DPAK STripFET POWER MOSFET
Oct-1999
STD40NE03L STMICROELECTRONICS-STD40NE03L Datasheet
86Kb / 8P
N - CHANNEL 30V - 0.012 ohm - 40A TO-252 STripFET POWER MOSFET
Sep-1999
STD40NF06LZ STMICROELECTRONICS-STD40NF06LZ Datasheet
296Kb / 8P
N-CHANNEL 60V - 0.020 ohm - 40A DPAK Zener-Protected STripFET™II POWER MOSFET
October 2002
STP3020L STMICROELECTRONICS-STP3020L Datasheet
83Kb / 8P
N - CHANNEL 30V - 0.019ohm - 40A - TO-220 STripFET POWER MOSFET
Mar-1999
STP30NE03L STMICROELECTRONICS-STP30NE03L Datasheet
105Kb / 9P
N - CHANNEL 30V - 0.028 ohm - 30A TO-220/TO-220FP STripFET POWER MOSFET
Jun-1999
STP60NF03L STMICROELECTRONICS-STP60NF03L Datasheet
46Kb / 6P
N-CHANNEL 30V - 0.008 ohm - 60A TO-220 STripFET POWER MOSFET
Sep-1999
STP80NF03L-04 STMICROELECTRONICS-STP80NF03L-04 Datasheet
49Kb / 6P
N-CHANNEL 30V - 0.0034 ohm - 80A TO-220 STripFET POWER MOSFET
Nov-1999
STP40NF03L STMICROELECTRONICS-STP40NF03L_07 Datasheet
254Kb / 12P
N-channel 30V - 0.018Ω - 40A - TO-220 STripFET??Power MOSFET
21-Feb-2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com