Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA200 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TPA200
Description  Trisil for telecom equipment protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TPA200 Datasheet(HTML) 3 Page - STMicroelectronics

  TPA200 Datasheet HTML 1Page - STMicroelectronics TPA200 Datasheet HTML 2Page - STMicroelectronics TPA200 Datasheet HTML 3Page - STMicroelectronics TPA200 Datasheet HTML 4Page - STMicroelectronics TPA200 Datasheet HTML 5Page - STMicroelectronics TPA200 Datasheet HTML 6Page - STMicroelectronics TPA200 Datasheet HTML 7Page - STMicroelectronics TPA200 Datasheet HTML 8Page - STMicroelectronics TPA200 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SMP50 / SMTPA / TPA
Characteristics
3/11
Table 3.
Thermal resistances
Symbol
Parameter
Value
Unit
DO-15
SMA
SMB
Rth(j-a)
Junction to ambient (with recommended footprint
or with Llead = 10 mm for DO-15)
100
120
100
°C/W
Rth(j-l)
Junction to leads (Llead = 10 mm for DO-15)
60
30
20
°C/W
Table 4.
Electrical characteristics - definitions (Tamb = 25°C)
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VBO
Breakover voltage
IRM
Leakage current
IPP
Peak pulse current
IBO
Breakover current
IH
Holding current
VR
Continuous reverse voltage
IR
Leakage current at VR
C
Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com