Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T55C Datasheet(PDF) 48 Page - STMicroelectronics

Part # ST62T55C
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T55C Datasheet(HTML) 48 Page - STMicroelectronics

Back Button ST62T55C_01 Datasheet HTML 44Page - STMicroelectronics ST62T55C_01 Datasheet HTML 45Page - STMicroelectronics ST62T55C_01 Datasheet HTML 46Page - STMicroelectronics ST62T55C_01 Datasheet HTML 47Page - STMicroelectronics ST62T55C_01 Datasheet HTML 48Page - STMicroelectronics ST62T55C_01 Datasheet HTML 49Page - STMicroelectronics ST62T55C_01 Datasheet HTML 50Page - STMicroelectronics ST62T55C_01 Datasheet HTML 51Page - STMicroelectronics ST62T55C_01 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 86 page
background image
48/86
ST62T55C ST62T65C/E65C
AUTO-RELOAD TIMER (Cont’d)
It should be noted that the reload values will also
affect the value and the resolution of the duty cycle
of PWM output signal. To obtain a signal on ARTI-
Mout, the contents of the ARCP register must be
greater than the contents of the ARRC register.
The maximum available resolution for the ARTI-
Mout duty cycle is:
Resolution = 1/[255-(ARRC)]
Where ARRC is the content of the Reload/Capture
register. The compare value loaded in the Com-
pare Register, ARCP, must be in the range from
(ARRC) to 255.
The ARTC counter is initialized by writing to the
ARRC register and by then setting the TCLD (Tim-
er Load) and the TEN (Timer Clock Enable) bits in
the Mode Control register, ARMC.
Enabling and selection of the clock source is con-
trolled by the CC0, CC1, SL0 and SL1 bits in the
Status Control Register, ARSC1. The prescaler di-
vision ratio is selected by the PS0, PS1 and PS2
bits in the ARSC1 register.
In Auto-reload Mode, any of the three available
clock sources can be selected: Internal Clock, In-
ternal Clock divided by 3 or the clock signal
present on the ARTIMin pin.
Figure 28. Auto-reload Timer PWM Function
COUNTER
COMPARE
VALUE
RELOAD
REGISTER
PWM OUTPUT
t
t
255
000
VR001852



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com