Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T52CMC Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST62T52CMC
Description  8-BIT OTP/EPROM/FASTROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T52CMC Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST62T52CMC Datasheet HTML 64Page - STMicroelectronics ST62T52CMC Datasheet HTML 65Page - STMicroelectronics ST62T52CMC Datasheet HTML 66Page - STMicroelectronics ST62T52CMC Datasheet HTML 67Page - STMicroelectronics ST62T52CMC Datasheet HTML 68Page - STMicroelectronics ST62T52CMC Datasheet HTML 69Page - STMicroelectronics ST62T52CMC Datasheet HTML 70Page - STMicroelectronics ST62T52CMC Datasheet HTML 71Page - STMicroelectronics ST62T52CMC Datasheet HTML 72Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 68 / 72 page
background image
68/72
ST62T52CM-Auto ST62T62CM-Auto
THERMAL CHARACTERISTICS
7.2 SOLDERING INFORMATION
In accordance with the RoHS European directive,
all STMicroelectronics packages have been con-
verted to lead-free technology, named ECO-
PACK
® .
■ ECOPACK
® packages are qualified according
to the JEDEC STD-020B compliant soldering
profile.
■ Detailed information on the STMicroelectronics
ECOPACK
® transition program is available on
www.st.com/stonline/leadfree/,
with
specific
technical application notes covering the main
technical
aspects
related
to
lead-free
conversion
(AN2033,
AN2034,
AN2035,
AN2036).
Forward compatibility
ECOPACK
® LQFP packages are fully compatible
with lead (Pb) containing soldering process (see
application note AN2034).
Table 22. Soldering Compatibility (Wave and Reflow Soldering Process)
7.3 OTP/EPROM VERSION ORDERING INFORMATION
Table 23. OTP/EPROM VERSION ORDERING INFORMATION
7.4 IMPORTANT NOTE
For OTP devices, data retention and programmability must be guaranteed by a screening procedure. Re-
fer to Application Note AN886.
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
RthJA
Thermal Resistance
SO16
75
°C/W
Package
Plating Material Devices
Pb Solder Paste
Pb-free Solder Paste
SO16
NiPdAu
Yes
Yes
Sales Type
Program
Memory (Bytes)
EEPROM (Bytes)
Temperature Range
Package
ST62E62CF1
1836 EPROM
64
0 to +70°C
CDIP16W
ST62T62CMA
1836 OTP
64
-40 to + 85°C
SO16
ST62T62CMC
-40 to + 125°C
ST62T52CMA
1836 OTP
None
-40 to + 85°C
ST62T52CMC
-40 to + 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com