Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T55CMC Datasheet(PDF) 75 Page - STMicroelectronics

Part # ST62T55CMC
Description  8-BIT OTP/EPROM/FASTROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T55CMC Datasheet(HTML) 75 Page - STMicroelectronics

Back Button ST62T55CMC Datasheet HTML 71Page - STMicroelectronics ST62T55CMC Datasheet HTML 72Page - STMicroelectronics ST62T55CMC Datasheet HTML 73Page - STMicroelectronics ST62T55CMC Datasheet HTML 74Page - STMicroelectronics ST62T55CMC Datasheet HTML 75Page - STMicroelectronics ST62T55CMC Datasheet HTML 76Page - STMicroelectronics ST62T55CMC Datasheet HTML 77Page - STMicroelectronics ST62T55CMC Datasheet HTML 78Page - STMicroelectronics ST62T55CMC Datasheet HTML 79Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 75 / 79 page
background image
75/79
ST62T55CM-Auto ST62T65CM-Auto
7.2 SOLDERING INFORMATION
In accordance with the RoHS European directive,
all STMicroelectronics packages have been con-
verted to lead-free technology, named ECO-
PACK
® .
■ ECOPACK
® packages are qualified according
to the JEDEC STD-020B compliant soldering
profile.
■ Detailed information on the STMicroelectronics
ECOPACK
® transition program is available on
www.st.com/stonline/leadfree/,
with
specific
technical application notes covering the main
technical
aspects
related
to
lead-free
conversion
(AN2033,
AN2034,
AN2035,
AN2036).
Forward compatibility
ECOPACK
® LQFP packages are fully compatible
with lead (Pb) containing soldering process (see
application note AN2034).
Table 24. Soldering Compatibility (Wave and Reflow Soldering Process)
7.3 OTP/EPROM VERSION ORDERING INFORMATION
Table 25. OTP/EPROM VERSION ORDERING INFORMATION
Notes:
1. Please contact local sales office for ordering information
7.4 IMPORTANT NOTE
For OTP devices, data retention and programmability must be guaranteed by a screening procedure. Re-
fer to Application Note AN886.
Package
Plating Material Devices
Pb Solder Paste
Pb-free Solder Paste
SO28
NiPdAu
Yes
Yes
Sales Type
ProgramMemory (Bytes)
EEPROM (Bytes)
Temperature Range
Package
ST62E65CF1
3884 (EPROM)
128
0 to +70°C
CDIP201)
ST62T55CMA
ST62T55CMC
3884 (OTP)
None
-40 to + 85°C
-40 to + 125°C
PSO28
ST62T65CMA
ST62T65CMC
3884 (OTP)
128
-40 to + 85°C
-40 to + 125°C
PSO28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com