Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T03BMA/CCCE Datasheet(PDF) 88 Page - STMicroelectronics

Part # ST62T03BMA/CCCE
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T03BMA/CCCE Datasheet(HTML) 88 Page - STMicroelectronics

Back Button ST62T03BMA/CCCE Datasheet HTML 84Page - STMicroelectronics ST62T03BMA/CCCE Datasheet HTML 85Page - STMicroelectronics ST62T03BMA/CCCE Datasheet HTML 86Page - STMicroelectronics ST62T03BMA/CCCE Datasheet HTML 87Page - STMicroelectronics ST62T03BMA/CCCE Datasheet HTML 88Page - STMicroelectronics ST62T03BMA/CCCE Datasheet HTML 89Page - STMicroelectronics ST62T03BMA/CCCE Datasheet HTML 90Page - STMicroelectronics ST62T03BMA/CCCE Datasheet HTML 91Page - STMicroelectronics ST62T03BMA/CCCE Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 96 page
background image
ST6200CM-Auto/ ST6201CM-Auto/ST6203CM-Auto
88/96
12.3 SOLDERING INFORMATION
In accordance with the RoHS European directive,
all STMicroelectronics packages have been con-
verted to lead-free technology, named ECO-
PACK
® .
■ ECOPACK
® packages are qualified according
to the JEDEC STD-020B compliant soldering
profile.
■ Detailed information on the STMicroelectronics
ECOPACK
® transition program is available on
www.st.com/stonline/leadfree/,
with
specific
technical application notes covering the main
technical
aspects
related
to
lead-free
conversion
(AN2033,
AN2034,
AN2035,
AN2036).
Compatibility
ECOPACK
® LQFP packages are fully compatible
with lead (Pb) containing soldering process (see
application note AN2034).
Table 21. Soldering Compatibility (Wave and Reflow Soldering Process)
12.4 PACKAGE/SOCKET FOOTPRINT PROPOSAL
Table 22. Suggested List of SO16 Socket Types
Table 23. Suggested List of SSOP16 Socket Types
Package
Plating Material Devices
Pb Solder Paste
Pb-free Solder Paste
SO16
NiPdAu (Nickel-Palladium-Gold)
Yes
Yes
SSOP16
Sn (pure Tin)
Yes
Yes
Package / Probe
Adaptor / Socket Reference
Same
Footprint
Socket Type
SO16
ENPLAS
OTS-16-1.27-04
Open Top
YAMAICHI
IC51-347.KS-7704
Clamshell
EMU PROBE
Adapter from SO16 to DIP16 footprint
(delivered with emulator)
X
SMD to DIP
Programming
Adapter
Logical Systems
PA16SO1-08H-6
X
Open Top
Package / Probe
Adaptor / Socket Reference
Same
Footprint
Socket Type
SSOP16
ENPLAS
OTS-16-0.65-01
Open Top
EMU PROBE
Adapter from SSOP16 to DIP16 footprint
(sales type: ST626X-P/SSOP16)
X
SMD to DIP
Programming
Adapter
Logical Systems
PA16SS-OT-6
X
Open Top
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com