Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR4E02-2BA352I Datasheet(PDF) 61 Page - Lattice Semiconductor

Part # OR4E02-2BA352I
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4E02-2BA352I Datasheet(HTML) 61 Page - Lattice Semiconductor

Back Button OR4E02-2BA352I Datasheet HTML 57Page - Lattice Semiconductor OR4E02-2BA352I Datasheet HTML 58Page - Lattice Semiconductor OR4E02-2BA352I Datasheet HTML 59Page - Lattice Semiconductor OR4E02-2BA352I Datasheet HTML 60Page - Lattice Semiconductor OR4E02-2BA352I Datasheet HTML 61Page - Lattice Semiconductor OR4E02-2BA352I Datasheet HTML 62Page - Lattice Semiconductor OR4E02-2BA352I Datasheet HTML 63Page - Lattice Semiconductor OR4E02-2BA352I Datasheet HTML 64Page - Lattice Semiconductor OR4E02-2BA352I Datasheet HTML 65Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 152 page
background image
Lattice Semiconductor
61
Data Sheet
May, 2006
ORCA Series 4 FPGAs
FPGA States of Operation (continued)
Reconfiguration
To reconfigure the FPGA when the device is operating
in the system, a low pulse is input into PRGM or one of
the program bits in the embedded system bus control
register must be set. The configuration data in the
FPGA is cleared, and the I/Os not used for configura-
tion are 3-stated with a pullup. The FPGA then samples
the mode select inputs and begins reconfiguration.
When reconfiguration is complete, DONE is released,
allowing it to be pulled high.
Partial Reconfiguration
All ORCA device families have been designed to allow
a partial reconfiguration of the FPGA at any time. This
is done by setting a bit stream option in the previous
configuration sequence that tells the FPGA to not reset
all of the configuration RAM during a reconfiguration.
Then only the configuration frames that are to be modi-
fied need to be rewritten, thereby reducing the configu-
ration time.
Other bit stream options are also available that allow
one portion of the FPGA to remain in operation while a
partial reconfiguration is being done. If this is done, the
user must be careful to not cause contention between
the two configurations (the bit stream resident in the
FPGA and the partial reconfiguration bit stream) as the
second reconfiguration bit stream is being loaded.
During a partial re-configuration where the configura-
tion option is set to have the internal logic remain active
during configuration the internal SLJC BIDI signals will
always be 3-stated. Previous families of ORCA FPGAs
would allow the BIDIs to continue to be under user
logic control during a partial re-configuration.
Other Configuration Options
There are many other configuration options available to
the user that can be set during bit stream generation in
ispLEVER. These include options to enable boundary-
scan and/or the MPI and/or the programmable PLL
blocks, readback options, and options to control and
use the internal oscillator after configuration.
Other useful options that affect the next configuration
(not the current configuration process) include options
to disable the global set/reset during configuration, dis-
able the 3-state of I/Os during configuration, and dis-
able the reset of internal RAMs during configuration to
allow for partial configurations (see above). For more
information on how to set these and other configuration
options, please see the ispLEVER documentation.
Configuration Data Format
The ispLEVER Development System interfaces with
front-end design entry tools and provides tools to pro-
duce a fully configured FPGA. This section discusses
using the ispLEVER Development System to generate
configuration RAM data and then provides the details
of the configuration frame format.
Using ispLEVER to Generate Configuration
RAM Data
The configuration data bit stream defines the I/O func-
tionality, logic, and interconnections within the FPGA.
The bit stream is generated by the development sys-
tem. The bit stream created by the bit stream genera-
tion tool is a series of 1s and 0s used to write the FPGA
configuration RAM. It can be loaded into the FPGA
using one of the configuration modes discussed later.
In bit stream generator, the designer selects options
that affect the FPGA’s functionality. Using the output of
the bit stream generator, circuit_name.bit, the devel-
opment system’s download tool can load the configura-
tion data into the ORCA series FPGA evaluation board
from a PC or workstation.
A download cable that can be used to download from
any PC or workstation supported by ispLEVER is avail-
able. This cable allows download to an FPGA that can
be programmed via the serial configuration interface
(requiring the mode pins to be set) or the JTAG bound-
ary scan interface (not requiring the setting of mode
pins). The lead device can then program other FPGAs
or FPSCs on the board via daisy-chaining.
Alternatively, a user can program a PROM (such as a
Serial ROM or a standard EPROM) and load the FPGA
from the PROM. The development system’s PROM
programming tool produces a file in .mcs, .tek or .exo
format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com