Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333ML Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA333ML
Description  Sound TerminaTM 2-channel microless high-efficiency digital audio system
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333ML Datasheet(HTML) 3 Page - STMicroelectronics

  STA333ML Datasheet HTML 1Page - STMicroelectronics STA333ML Datasheet HTML 2Page - STMicroelectronics STA333ML Datasheet HTML 3Page - STMicroelectronics STA333ML Datasheet HTML 4Page - STMicroelectronics STA333ML Datasheet HTML 5Page - STMicroelectronics STA333ML Datasheet HTML 6Page - STMicroelectronics STA333ML Datasheet HTML 7Page - STMicroelectronics STA333ML Datasheet HTML 8Page - STMicroelectronics STA333ML Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STA333ML
Pin description
3/14
2
Pin description
Figure 2.
Pin connection (top view)
Table 2.
Pin description
Pin
Type
Name
Description
1
Gnd
GND_SUB
Substrate ground
2I
FMT
0: I2S format
1: left justified
3
I
TEST_MODE
This pin must be connected to ground
4
I/O
VSS
Internal reference at Vcc-3.3 V
5
I/O
VSS_REG
Internal Vcc reference
6
O
OUT2B
Output half bridge 2B
7
Gnd
GND2
Power negative supply
8
Power
VCC2
Power positive supply
9
O
OUT2A
Output half bridge 2A
10
O
OUT1B
Output half bridge 1B
11
Power
VCC1
Power positive supply
12
Gnd
GND1
Power negative supply
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
VDD_DIG
GND_DIG
GAIN
ONSEL
INT_LINE
RESET
SDI
LRCKI
BICKI
XTI
PLL_GND
FILTER_PLL
VDD_PLL
PWRDN
GND_DIG
VDD_DIG
N.C.
N.C.
GND_SUB
FMT
TEST_MODE
VSS_REG
VCC_REG
OUT2B
GND2
VCC2
OUT2A
OUT1B
VCC1
GND1
OUT1A
GND_REG
VDD_REG
CONFIG
N.C.
N.C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com