Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB40NF10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB40NF10
Description  N-CHANNEL 100V - 0.024ohm - 50A TO-220/D2PAK/I2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB40NF10 Datasheet(HTML) 1 Page - STMicroelectronics

  STB40NF10 Datasheet HTML 1Page - STMicroelectronics STB40NF10 Datasheet HTML 2Page - STMicroelectronics STB40NF10 Datasheet HTML 3Page - STMicroelectronics STB40NF10 Datasheet HTML 4Page - STMicroelectronics STB40NF10 Datasheet HTML 5Page - STMicroelectronics STB40NF10 Datasheet HTML 6Page - STMicroelectronics STB40NF10 Datasheet HTML 7Page - STMicroelectronics STB40NF10 Datasheet HTML 8Page - STMicroelectronics STB40NF10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
September 2002
STP40NF10
STB40NF10 - STB40NF10-1
N-CHANNEL 100V - 0.024
Ω - 50A TO-220/D2PAK/I2PAK
LOW GATE CHARGE STripFET™ II POWER MOSFET
(1) ISD ≤40A, di/dt ≤600A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
(2) Starting Tj = 25°C, ID = 40A, VDD = 50V
s
TYPICAL RDS(on) = 0.024Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
APPLICATION ORIENTED
CHARACTERIZATION
s
ADD SUFFIX “T4” FOR ORDERING IN TAPE &
REEL
DESCRIPTION
This Power MOSFET series realized with STMicro-
electronics unique STripFET process has specifical-
ly been designed to minimize input capacitance and
gate charge. It is therefore suitable as primary
switch in advanced high-efficiency isolated DC-DC
converters for Telecom and Computer application. It
is also intended for any application with low gate
charge drive requirements.
APPLICATIONS
s
HIGH-EFFICIENCY DC-DC CONVERTERS
s
UPS AND MOTOR CONTROL
ABSOLUTE MAXIMUM RATINGS
(q) Pulse width limited by safe operating area
(*) Limited by Package
TYPE
VDSS
RDS(on)
ID
STP40NF10
STB40NF10
STB40NF10-1
100 V
100 V
100 V
< 0.028
< 0.028
< 0.028
50 A
50 A
50 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
100
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
100
V
VGS
Gate- source Voltage
± 20
V
ID(*)
Drain Current (continuous) at TC = 25°C
50
A
ID
Drain Current (continuous) at TC = 100°C
35
A
IDM (l)
Drain Current (pulsed)
200
A
PTOT
Total Dissipation at TC = 25°C
150
W
Derating Factor
1
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
20
V/ns
EAS (2)
Single Pulse Avalanche Energy
150
mJ
Tstg
Storage Temperature
– 55 to 175
°C
Tj
Operating Junction Temperature
TO-220
1
2
3
1
3
D2PAK
1
2
3
I2PAK
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STB40NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB40NF10 STMICROELECTRONICS-STB40NF10 Datasheet
48Kb / 6P
N - CHANNEL 100V - 0.030W - 40ohm TO-263 LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STB40NF10 STMICROELECTRONICS-STB40NF10 Datasheet
411Kb / 13P
N-channel 100V - 0.025廓 - 50A - D2PAK Low gate charge STripFET??II Power MOSFET
26-Jun-2006
STB40NF10L STMICROELECTRONICS-STB40NF10L Datasheet
435Kb / 9P
N-CHANNEL 100V - 0.028Ω - 40A D2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Apr-2001
logo
VBsemi Electronics Co.,...
STB40NF10LT4 VBSEMI-STB40NF10LT4 Datasheet
2Mb / 8P
N-Channel 100-V (D-S) MOSFET
logo
STMicroelectronics
STB40NF10T4 STMICROELECTRONICS-STB40NF10T4 Datasheet
411Kb / 13P
N-channel 100V - 0.025廓 - 50A - D2PAK Low gate charge STripFET??II Power MOSFET
26-Jun-2006
More results

Similar Description - STB40NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP35NF10 STMICROELECTRONICS-STP35NF10 Datasheet
466Kb / 10P
N-CHANNEL 100V - 0.030ohm - 40A TO-220 / D2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Apr-2003
STB70NF03L-1 STMICROELECTRONICS-STB70NF03L-1 Datasheet
405Kb / 11P
N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/I2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
Jun-2003
STB80NF10 STMICROELECTRONICS-STB80NF10 Datasheet
317Kb / 14P
N-channel 100V - 0.012OHM - 80A - TO-220 / D2PAK Low gate charge STRIPFET TM II Power MOSFET
25-Jan-2007
STB70NF03L STMICROELECTRONICS-STB70NF03L_06 Datasheet
463Kb / 15P
N-channel 30V - 0.0075ohm - 70A - D2PAK - I2PAK - TO-220 Low gate charge STripFET™ II Power MOSFET
July 2006 Rev 10
STB24NF10 STMICROELECTRONICS-STB24NF10_06 Datasheet
421Kb / 14P
N-channel 100V - 0.0055OHM - 26A - TO-220 - D2PAK Low gate charge STripFET TM II Power MOSFET
09-Aug-2006
STP40NF10 STMICROELECTRONICS-STP40NF10_07 Datasheet
238Kb / 12P
N-channel 100V - 0.025??- 50A TO-220 Low gate charge STripFET??II Power MOSFET
31-Jan-2007
STB40NF10 STMICROELECTRONICS-STB40NF10_07 Datasheet
411Kb / 13P
N-channel 100V - 0.025廓 - 50A - D2PAK Low gate charge STripFET??II Power MOSFET
26-Jun-2006
STB35NF10 STMICROELECTRONICS-STB35NF10_06 Datasheet
427Kb / 14P
N-channel 100V - 0.030廓 - 40A - D2PAK/TO-220 Low gate charge STripFET??II Power MOSFET
26-Jun-2006
STD40NF10 STMICROELECTRONICS-STD40NF10 Datasheet
379Kb / 15P
N-channel 100V - 0.025Ω - 50A TO-220 / DPAK Low gate charge STripFET??II Power MOSFET
19-Sep-2007
STB60NF10 STMICROELECTRONICS-STB60NF10_06 Datasheet
370Kb / 15P
N-channel 100V - 0.019Ω - 80A - TO-220 - D2PAK - I2PAK STripFET™II Power MOSFET
18-Sep-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com