Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T03LMA/CCCE Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST62T03LMA/CCCE
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T03LMA/CCCE Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST62T03LMA/CCCE Datasheet HTML 2Page - STMicroelectronics ST62T03LMA/CCCE Datasheet HTML 3Page - STMicroelectronics ST62T03LMA/CCCE Datasheet HTML 4Page - STMicroelectronics ST62T03LMA/CCCE Datasheet HTML 5Page - STMicroelectronics ST62T03LMA/CCCE Datasheet HTML 6Page - STMicroelectronics ST62T03LMA/CCCE Datasheet HTML 7Page - STMicroelectronics ST62T03LMA/CCCE Datasheet HTML 8Page - STMicroelectronics ST62T03LMA/CCCE Datasheet HTML 9Page - STMicroelectronics ST62T03LMA/CCCE Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
ST6200CM-Auto/ ST6201CM-Auto/ST6203CM-Auto
6/96
1 INTRODUCTION
The ST6200C, 01C and 03C devices are low cost
members of the ST62xx 8-bit HCMOS family of mi-
crocontrollers, which is targeted at low to medium
complexity applications. All ST62xx devices are
based on a building block approach: a common
core is surrounded by a number of on-chip periph-
erals.
The ST62E01C is the erasable EPROM version of
the ST62T00C, T01 and T03C devices, which may
be used during the development phase for the
ST62T00C, T01 and T03C target devices, as well
as the respective ST6200C, 01C and 03C ROM
devices.
OTP and EPROM devices are functionally identi-
cal. OTP devices offer all the advantages of user
programmability at low cost, which make them the
ideal choice in a wide range of applications where
frequent code changes, multiple code versions or
last minute programmability are required.
The ROM based versions offer the same function-
ality, selecting the options defined in the program-
mable option bytes of the OTP/EPROM versions
in the ROM option list (See Section 12.6 on page
90).
The ST62P00C, P01C and P03C are the Factory
Advanced Service Technique ROM (FASTROM)
versions of ST62T00C, T01 and T03C OTP devic-
es.
They offer the same functionality as OTP devices,
but they do not have to be programmed by the
customer (See Section 12 on page 86).
These compact low-cost devices feature a Timer
comprising an 8-bit counter with a 7-bit program-
mable prescaler, an 8-bit A/D Converter with 4 an-
alog inputs (depending on device, see device
summary on page 1) and a Digital Watchdog tim-
er, making them well suited for a wide range of au-
tomotive, appliance and industrial applications.
For easy reference, all parametric data are located
in Section 11 on page 58.
Figure 1. Block Diagram
NMI
INTERRUPTS
PROGRAM
PC
STACK LEVEL 1
STACK LEVEL 2
STACK LEVEL 3
STACK LEVEL 4
STACK LEVEL 5
STACK LEVEL 6
POWER
SUPPLY
OSCILLATOR
RESET
DATA ROM
USER
SELECTABLE
DATA RAM
64 Bytes
PORT A
PORT B
TIMER
8-BIT CORE
8-BIT *
A/D CONVERTER
PA1..PA3 (20mA Sink)
PB0..PB1
VDD VSS OSCin OSCout
RESET
WATCHDOG
:
MEMORY
TIMER
(1K or 2K Bytes)
PB3, PB5..PB7 / Ain*
* Depending on device. Please refer to I/O Port section.
VPP
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com