Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 71 Page - STMicroelectronics

Part # STA323W
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STA323W_08 Datasheet HTML 67Page - STMicroelectronics STA323W_08 Datasheet HTML 68Page - STMicroelectronics STA323W_08 Datasheet HTML 69Page - STMicroelectronics STA323W_08 Datasheet HTML 70Page - STMicroelectronics STA323W_08 Datasheet HTML 71Page - STMicroelectronics STA323W_08 Datasheet HTML 72Page - STMicroelectronics STA323W_08 Datasheet HTML 73Page - STMicroelectronics STA323W_08 Datasheet HTML 74Page - STMicroelectronics STA323W_08 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 77 page
background image
STA323W
User-programmable settings
71/77
8.9
Fault detect recovery (address 0x2B - 0x2C)
FDRC bits specify the 16-bit fault detect recovery time delay. When FAULT is active, the
TRISTATE output immediately goes low and is held low for the time period specified by this
constant. A constant value of 0x0001 in this register is approximately 0.083 ms. The default
value of 0x000C specifies approximately 0.1 ms.
8.10
Status indicator register (address 0x2D)
STATUS register bits serve the purpose of communicating the detected error or warning
condition to the user. This is a read-only register and writing to this register would not be of
any consequence.
8.10.1
Thermal warning indicator
If the power stage thermal operating conditions are exceeded, the thermal warning indicator
transmits a signal to the digital logic block to initiate a corrective procedure. This register bit
is set to 0 to indicate a thermal warning and it reverts back to its default state as soon as the
cause of the thermal warning has been corrected.
8.10.2
Fault detect indicator
As soon as the power stage issues a Fault error signal, thereby initiating the Fault recovery
procedure described in Section 8.9, this register bit is set to 0 to indicate the error to the
user. As soon as the fault condition (over-current or thermal) is corrected, this bit is reset
back to its default state.
D7
D6
D5
D4
D3
D2
D1
D0
FRDC15
FDRC14
FDRC13
FDRC12
FDRC11
FDRC10
FDRC9
FDRC8
00
00
000
0
FDRC7
FDRC6
FDRC5
FDRC4
FDRC3
FDRC2
FDRC1
FDRC0
00
00
110
0
D7
D6
D5
D4
D3
D2
D1
D0
PLULL
Reserved
Reserved
Reserved
Reserved
Reserved
FAULT
TWARN
0
00000
11
Table 71.
Thermal warning indicator
Bit
R/W
RST
Name
Description
0RO
1
RWRAN
0: thermal warning detected
1: normal operation (no thermal warning)
Table 72.
Fault detect indicator
Bit
R/W
RST
Name
Description
1RO
1
FAULT
0: fault issued from the power stage
1: normal operation (no fault)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com