Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA335BWQS Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA335BWQS
Description  2.1-channel high-efficiency digital audio system with QSound QHD
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335BWQS Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA335BWQS Datasheet HTML 17Page - STMicroelectronics STA335BWQS Datasheet HTML 18Page - STMicroelectronics STA335BWQS Datasheet HTML 19Page - STMicroelectronics STA335BWQS Datasheet HTML 20Page - STMicroelectronics STA335BWQS Datasheet HTML 21Page - STMicroelectronics STA335BWQS Datasheet HTML 22Page - STMicroelectronics STA335BWQS Datasheet HTML 23Page - STMicroelectronics STA335BWQS Datasheet HTML 24Page - STMicroelectronics STA335BWQS Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
STA335BWQS
Functional description
21/72
5
Functional description
5.1
Functional pin status
5.1.1
Power-down function
Pin PWRDN (23) is used to power down the STA335BWQS.
PWRDN = 0 (GND)
→ Power down
PWRND = 1 (VDD)
→ Normal operation
During the power-down sequence the output begins a gradual (soft) mute. After the mute
condition is reached the power stage is switched off (Hi-Z) then the master clock to all
internal hardware blocks is gated. The PLL is also switched off. The power-down sequence
takes 13 million cycles.
5.1.2
Reset function
Pin RESET (31) is used to reset the STA335BWQS.
RESET = 0 (GND)
→ Reset state
RESET = 1 (VDD)
→ Normal operation
When pin RESET is forced to 0 the power stage is switched off (Hi-Z) and the master clock
to all internal hardware blocks is gated.
Note:
RESET condition takes priority over PWRDN condition.
Table 8.
Functional pin status
Pin name
Pin #
Logic value
IC status
RESET
31
0
Reset state:
Power stage is switched off
All the registers are set to default value
RESET
31
1
Normal operation
PWRDN
23
0
Low power mode:
Power stage is switched off then the PLL is switched off
(this operation take 13 million clock cycles)
PWRDN
23
1
Normal operation
TWARN
20
0
Temperature warning indication from external power stage
TWARN
20
1
Normal operation
EAPD
19
0
Low power mode for power stage:
All internal regulators are switched off
EAPD
19
1
Normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com